Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B301LP Datasheet(PDF) 2 Page - Protek Devices

Part # 587B301LP
Description  LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B301LP Datasheet(HTML) 2 Page - Protek Devices

  587B301LP Datasheet HTML 1Page - Protek Devices 587B301LP Datasheet HTML 2Page - Protek Devices 587B301LP Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
587B051LP
thru
587B301LP
2
05040.R4 12/03
www.protekdevices.com
DEVICE CHARACTERISTICS
ARRESTOR DEFINITIONS
Clamping Voltage: The clamping voltage of an arrester is the voltage that appears across its terminals during conduction of a transient current.
Standard Wave Form: The waveform of a surge current or voltage is designated by a combination of two numbers. The first number is for the
time of the wave front expressed in microseconds from zero to the peak of the wave. The second number is for the time of the wavetail also
expressed in microseconds from zero to the instant that the wavetail reaches one half of the crest or peak value, i.e., 8/20 µs waveform.
Transient Current: The transient current of an arrestor is the peak surge current which flows through the arrester when voltage clamping
occurs.
OPERATION
For maximum effectiveness, the protector should be installed directly after the AC line on/off switch and fuse. This will protect the electronics from
the AC line switch arcing and the severe transients caused by a fuse clearing.
Some heat is produced when operating at full current load, and heat sinking may be required to maintain case temperature below 85°C. The case
temperature is measured at the center of the mounting surface. The unit should not be mounted to a low combusting temperature material such as
wood.
High energy transients will cause a large circulating current in the AC input line (2,500A is possible). To prevent electromagnetic coupling, the AC line
on the input side of the protector must be dressed away from other wiring, magnetic shielding may be required. In addition, the electrical service
must be connected to a low impedance earth ground.
MAXIMUM RATINGS @ 25°C
ELECTRICAL CHARACTERISTICS @ 25°C
130 VAC Max
587B051LP: 5A
587B101LP: 10A
587B151LP: 20A
587B301LP: 30A
6000V
peak
3000A
peak
@ 130 VAC
1.0mA
1.0mA
1.0mA
-40°C to 85°C
PROTECTION
MODE
MAXIMUM
CLAMPING
VOLTAGE
OPENCIRCUIT
VOLTAGE
@ 1.2/50 µs
SHORT CIRCUIT
CURRENT
@ 8/20 µs
295V
330V
500V
500V
DIFFERENTIAL
(Line-to-Neutral)
COMMON
(Neutral-to-Ground)
(Line-to-Ground)
1000V
6000V
1000V
6000V
500A
3000A
500A
3000A
Operating Line Voltage:
Maximum Line Current:
Transient Voltage:
Transient Current:
Current Leakage:
Line-to-Neutral:
Neutral-to-Ground:
Line-to-Ground:
Storage & Operating Temperature:
(Measured at center of mounting surface)
RESPONSE TO TRANSIENT VOLTAGES
CLAMPING
TEST CONDITION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com