Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B151LP Datasheet(PDF) 3 Page - Protek Devices

Part # 587B151LP
Description  LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B151LP Datasheet(HTML) 3 Page - Protek Devices

  587B151LP Datasheet HTML 1Page - Protek Devices 587B151LP Datasheet HTML 2Page - Protek Devices 587B151LP Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
05040.R4 12/03
www.protekdevices.com
587B051LP
thru
587B301LP
PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
3.81”
(96.8mm)
3.50”
(88.9mm)
4.38”
(111.3mm)
0.586”
(14.43mm)
1.63”
(44.14mm)
1.10”
(27.9mm)
2.30”
(58.42mm)
Note: Connector accepts 10-24 gauge wire.
Line In
Dia. 0.181”
Neutral In
Ground In
Line 2 Out
Neutral 1 Out
Neutral 2 Out
Ground Out
Line 1 Out
SURGEBUSTER®
AC LINE
SURGE SUPPRESSOR
587B151LP
120 VAC
50/60 Hz
15A
MADE IN USA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com