Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2183971024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2183971024
Description  PICO-SPOX 1.5 R-S 2CKT 50MM DISC Sn
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2183971024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2183971024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FORMAT: master-tb-prod-A4
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2021/05/31
12:34:34
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 665607
DRWN:
ARAJU
2021/05/27
CHK'D:
RDESAI01
2021/05/31
APPR: RDESAI01
2021/05/31
INITIAL REVISION:
DRWN:
ARAJU
2021/05/27
APPR: RDESAI01
2021/05/31
THIRD ANGLE PROJECTION
DRAWING
SERIES
A4-SIZE 218397
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2183971020
PSD 000
A
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 1
ITEM
PART#
DESCRIPTION
QTY
UOM
A
874390200
1.5mm Rcpt Hsg Nyl Nat 2Ckt
1
PC
B
874210000
1.5mm Rcpt Term Crim 2.5Sn
2
PC
C
--
PAPER PRINTED PAPER WHITE
1
PC
DETAIL A
MOLEX P/N
MOLEX
BATCH WK/YR
1
A
B
2
TABLE
PART NUMBER
L1
L2 (REF)
TITLE
2183971020
50±3
13
PICO-SPOX 1.5 R-S 2CKT 50MM DISC Sn
2183971021
100±5
38
PICO-SPOX 1.5 R-S 2CKT 100MM DISC Sn
2183971022
150±8
63
PICO-SPOX 1.5 R-S 2CKT 150MM DISC Sn
2183971023
300±10
138
PICO-SPOX 1.5 R-S 2CKT 300MM DISC Sn
2183971024
600±10
288
PICO-SPOX 1.5 R-S 2CKT 600MM DISC Sn
L1
5±1
L2
C
SEE DETAIL A
NOTES
1. Free ends must be stripped, twisted & tinned. The length of
tinning is 5±
1mm. Tinning dia must be 0.75mm Max.
2. Connector view shown is from mating side.
3. Label text must be 2mm max. in height with Arial font.
4. Label must be wrapped in Flag type on a single cable.
FROM TO
DESCRIPTION
COLOR
A1
--
1X24AWG DISC SR-PVC BK UL10002
BLACK
A2
--
1X24AWG DISC SR-PVC BK UL10002
BLACK
REVISION
DATE
REV
DESCRIPTION
CHANGER
27/05/2021
A
INITIAL RELEASE
ARAJU
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
5
6
6


Similar Part No. - 2183971024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183971030 MOLEX-2183971030 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
2183971031 MOLEX-2183971031 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
2183971032 MOLEX-2183971032 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
2183971033 MOLEX-2183971033 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
2183971034 MOLEX-2183971034 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
More results

Similar Description - 2183971024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183961020 MOLEX-2183961020 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2183961030 MOLEX-2183961030 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 3CKT 50MM DISC Sn
2021/05/31
2183961060 MOLEX-2183961060 Datasheet
85Kb / 1P
PICO-SPOX 1.5 R-R 6CKT 50MM DISC Sn
2021/05/31
2183961080 MOLEX-2183961080 Datasheet
86Kb / 1P
PICO-SPOX 1.5 R-R 8CKT 50MM DISC Sn
2021/05/31
2183971030 MOLEX-2183971030 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
2183971040 MOLEX-2183971040 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 4CKT 50MM DISC Sn
2021/05/31
2183971050 MOLEX-2183971050 Datasheet
84Kb / 1P
PICO-SPOX 1.5 R-S 5CKT 50MM DISC Sn
2021/05/31
2183971060 MOLEX-2183971060 Datasheet
84Kb / 1P
PICO-SPOX 1.5 R-S 6CKT 50MM DISC Sn
2021/05/31
2183971080 MOLEX-2183971080 Datasheet
85Kb / 1P
PICO-SPOX 1.5 R-S 8CKT 50MM DISC Sn
2021/05/31
2196572020 MOLEX-2196572020 Datasheet
283Kb / 1P
Pico-Lock 2.0 R-S 2ckt 50mm disc Au
2022/01/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com