Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA15P Datasheet(PDF) 2 Page - Protek Devices

Part # DA15P
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA15P Datasheet(HTML) 2 Page - Protek Devices

  DA15P Datasheet HTML 1Page - Protek Devices DA15P Datasheet HTML 2Page - Protek Devices DA15P Datasheet HTML 3Page - Protek Devices DA15P Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DA05N
thru
DA24CP
2
05001.R9 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
T
STG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
PPP
800
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Forward Surge Rating
I
F
10
Amps
Note 1: The “C” suffix specifies a bidirectional device, such as DA05CN or DA12CP.
PART
NUMBER
(See Note 1)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 10A
VC
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
CAPACITANCE
0V @ 1 MHz
C
pF
DA05N
DA12N
DA15N
DA24N
DA05P
DA12P
DA15P
DA24P
DA05CN
DA12CN
DA15CN
DA24CN
DA05CP
DA12CP
DA15CP
DA24CP
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
5.0
12.0
15.0
24.0
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
12.5
26.0
33.0
52.1
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
53.0V @ 20A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
53.0V @ 20A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
53.0V @ 20A
24.6V @ 45A
32.9V @ 34A
37.7V @ 27A
53.0V @ 20A
880
440
400
275
880
440
400
275
500
385
300
200
500
385
300
200
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
200
2
2
2
200
2
2
2
200
2
2
2
200
2
2
2
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
6.0
13.3
16.7
26.7
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com