Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9TD Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-TRP-R9TD
Description  120mm CYLINDRICAL TRANSPONDER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-R9TD Datasheet(HTML) 2 Page - Texas Instruments

  RI-TRP-R9TD Datasheet HTML 1Page - Texas Instruments RI-TRP-R9TD Datasheet HTML 2Page - Texas Instruments RI-TRP-R9TD Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ti.com
OPERATING CHARACTERISTICS
RI-TRP-R9TD, RI-TRP-W9TD, RI-TRP-D9TD
SCBS838 – SEPTEMBER 2001
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-TRP-R9TD
RI-TRP-W9TD
Functionality
Read Only
Read/Write
Memory (Bits)
64
80(1)
Memory (Pages)
1
1
Operating Frequency
134.2
kHz
Modulation
FSK (Frequency Shift Keying) 134.2 / 123.2
kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 200(2)
cm
Typical Programming Range
30% of specified reading range
Typical Reading Time
70
ms
Typical Programming Time
309
ms
Typical Programming Cycles
100,000
Case Material
Reinforced Poly-Ether-Imide (PEI), black
Protection Class
IP 67
Programmed code is not affected by normal electromagnetic interference or
EMC
x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechanical Shock
IEC 68-2-27, Test Ea; 200 g, half sine, 3 ms, 2 axes, 6 shocks per axis
Vibration
IEC 68-2-6, Test Fc; 20 g, 20 - 500 Hz, 2 axes, 10 cycles per axis
Dimensions
Ø 21 mm
± 0.8 mm × 121 mm ± 2 mm
Weight
60
g
(1)
We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as
is done by TI-RFID™ LF readers.
(2)
Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
2
Submit Documentation Feedback



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com