Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-TRP-R9VS Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-TRP-R9VS
Description  Mount-on-Metal Transponder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-R9VS Datasheet(HTML) 1 Page - Texas Instruments

  RI-TRP-R9VS Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Texas Instruments reserves the right to change its products and services at any time without notice. TI provides customer assistance in various
technical areas, but does not have full access to data concerning the uses and applications of customers products. Therefore, TI assumes no
responsibility for customer product design or for infringement of patents and/or the rights of third parties, which may result from assistance
provided by TI.
© Copyright 2001 Texas Instruments Incorporated.
Data Sheet: 11-09-22-065 07/01
Specifications:
Part Number
RI-TRP-R9VS
RI-TRP-W9VS
Functionality
Read Only
Read/Write
Memory (Bits)
64
80*
Memory (Pages)
1
1
Operating Frequency
134.2 kHz
Modulation
FSK (Frequency Shift Keying) 134.2 kHz / 123.2 kHz
Transmission Principle
HDX (Half Duplex)
Power Source
Powered from the reader signal (batteryless)
Typical Reading Range
≤ 120 cm**
Typical Programming Range
---
30 % of typical reading range
Typical Reading Time
70 ms
Typical Programming Time
---
309 ms
Typical Programming Cycles
---
100,000
Operating Temperature
-25 to +70
°C***
Storage Temperature
-25 to +85
°C
Case Material
Polypropylene, black
Protection Class
IP 67 ( product revision –11 )
Mounting
With screws or rivets on aluminum, iron or steel
EMC
Programmed code is not affected by normal electromagnetic interference or x-rays
Signal Penetration
Transponder can be read through virtually all non-metallic material
Mechanical Shock
IEC 68-2-27, Test Ea; 200 g, half sine, 3 ms, 3 axes, 6 shocks per axis
Vibration
IEC 68-2-6, Test Fc; 20 g, 20 - 500 Hz, 3 axes, 10 cycles per axis
Dimensions
102 mm
± 1 mm * 36 mm ± 1 mm * 16.5 mm ± 1 mm
Weight
43 g
* We recommend that you split each 80 bit page into 64 user programmable bits plus a 16 bit wide CRC CCITT Block Check Character as is done
by TI-RFID LF readers.
** Depending on RF regulation in country of use, the Reader Antenna configuration used, and the environmental conditions.
*** Reduced operating temperature of 0 to +70
°C if used with Series 2000 Standard Reader (RI-STU-MB2A/MB6A) or Standard RFM (RI-RFM-104B)
For more information, contact the sales office or distributor nearest you. This contact information can be found
on our web site at:
http://www.ti-rfid.com
Data Sheet
Mount-on-Metal Transponder
R ADI O F R E Q U E NCY I DENT I F I CAT I O N S YSTE M S


Similar Part No. - RI-TRP-R9VS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9VS TI-RI-TRP-R9VS Datasheet
78Kb / 4P
MOUNT-ON-METAL TRANSPONDER
RI-TRP-R9VS TI1-RI-TRP-R9VS Datasheet
510Kb / 5P
MOUNT-ON-METAL TRANSPONDER
RI-TRP-R9VS-30 TI1-RI-TRP-R9VS-30 Datasheet
510Kb / 5P
MOUNT-ON-METAL TRANSPONDER
RI-TRP-R9VS TI-RI-TRP-R9VS_09 Datasheet
78Kb / 4P
MOUNT-ON-METAL TRANSPONDER
RI-TRP-R9VS TI1-RI-TRP-R9VS_16 Datasheet
510Kb / 5P
MOUNT-ON-METAL TRANSPONDER
More results

Similar Description - RI-TRP-R9VS

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
HARSH-TAG-150 PREMO-HARSH-TAG-150 Datasheet
155Kb / 1P
Tag-on-metal
logo
Texas Instruments
RI-TRP-0106 TI-RI-TRP-0106 Datasheet
70Kb / 4P
MOUNT-ON-METAL TRANSPONDER Numbering According to EN14803 for Waste Management Applications
RI-TRP-R9VS TI-RI-TRP-R9VS_09 Datasheet
78Kb / 4P
MOUNT-ON-METAL TRANSPONDER
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
Surface Mount RFID Transponder Coils
GSAT3D15-242J AITCOMPONENTS-GSAT3D15-242J Datasheet
228Kb / 1P
Surface Mount 3D Transponder Coils
logo
Texas Instruments
RI-TRP-R9VS TI1-RI-TRP-R9VS_16 Datasheet
510Kb / 5P
MOUNT-ON-METAL TRANSPONDER
RI-TRP-0106 TI1-RI-TRP-0106_15 Datasheet
60Kb / 4P
MOUNT-ON-METAL TRANSPONDER Numbering According to EN14803 for Waste Management Applications
logo
Molex Electronics Ltd.
2140610150 MOLEX-2140610150 Datasheet
289Kb / 2P
2.4/5GHZ ADHESIVE MOUNT ON-METAL ANTENNA
2020/07/03
2140610100 MOLEX-2140610100 Datasheet
289Kb / 2P
2.4/5GHZ ADHESIVE MOUNT ON-METAL ANTENNA
2020/07/03
2140610200 MOLEX-2140610200 Datasheet
289Kb / 2P
2.4/5GHZ ADHESIVE MOUNT ON-METAL ANTENNA
2020/07/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com