Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1086 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1086
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1086 Datasheet HTML 1Page - Diodes Incorporated AP1086 Datasheet HTML 2Page - Diodes Incorporated AP1086 Datasheet HTML 3Page - Diodes Incorporated AP1086 Datasheet HTML 4Page - Diodes Incorporated AP1086 Datasheet HTML 5Page - Diodes Incorporated AP1086 Datasheet HTML 6Page - Diodes Incorporated AP1086 Datasheet HTML 7Page - Diodes Incorporated AP1086 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086 Rev. 2
2 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Connection Diagram
3 PIN TO263
3 PIN TO252
3 PIN TO220
3
2
1
Vin
Vout
Tab is Vout
FRONT VIEW
Adj
(GND)
3
2
1
Vin
Vout
Adj
(GND)
Tab is Vout
FRONT VIEW
Tab is Vout
3
Vin
2
1
Vout
FRONT VIEW
Adj
(GND)
NAME
I/O
PIN #
FUNCTION
Adj
(GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be
connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor is
connected from this pin to ground to insure that the input voltage does
not sag below the minimum dropout voltage during the load transient
response. This pin must always be 1.4V higher than Vout in order for the
device to regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com