Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD8-DFN Datasheet(PDF) 2 Page - Protek Devices

Part # ESD8-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD8-DFN Datasheet(HTML) 2 Page - Protek Devices

  ESD8-DFN Datasheet HTML 1Page - Protek Devices ESD8-DFN Datasheet HTML 2Page - Protek Devices ESD8-DFN Datasheet HTML 3Page - Protek Devices ESD8-DFN Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05260.R1 2/07
www.protekdevices.com
ESD8-DFN
DEVICE CHARACTERISTICS
0
5
10
15
20
25
30
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
10
100
1,000
30W, 8/20µs Waveform
Storage Temperature
SYMBOL
VALUE
°C
-55 to 150
UNITS
TSTG
PARAMETER
Operating Temperature
T
A
-40 to 85
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Tyical Capacitance
C
7.0
pF
Soldering Temperature for 10 seconds
°C
265
TL
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
TYPICAL
FORWARD
VOLTAGE
@10mA
V
F
VOLTS
TYPICAL
CAPACITANCE
(See Note 1)
2.5V @ 1 MHz
C
pF
ESD8-DFN
SD8
6.0
0.9
7.0
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
0.1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com