Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA05C Datasheet(PDF) 2 Page - Protek Devices

Part # ESDA05C
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESDA05C Datasheet(HTML) 2 Page - Protek Devices

  ESDA05C Datasheet HTML 1Page - Protek Devices ESDA05C Datasheet HTML 2Page - Protek Devices ESDA05C Datasheet HTML 3Page - Protek Devices ESDA05C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05188.R2 2/07
www.protekdevices.com
ESDA05C-5
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
°C
-55 to 150
UNITS
TSTG
PARAMETER
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
80
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
T
L
-55 to 150
°C
Note 1:
Bidirectional Only: Test between pins 2 to 1, 2 to 6, 2 to 5, 2 to 4 and 2 to 3 Electrical characteristics apply in both directions.
Note 2:
Bidirectional Only: Capacitance measured between pins 1, 3, 4, 5, and 6 to 2.
PART
NUMBER
(See Note 1)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
TYPICAL
CAPACITANCE
0V @ 1 MHz
C
pF
ESDA05C-5
ED5
6.1
15
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com