Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G24107MN-R Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # G24107MN-R
Description  100/1000 Base-T transformer Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

G24107MN-R Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  G24107MN-R Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100/1000 Base-T transformer Module
REV: A
 
RoHS Compliant
 
IEEE802.3af compliant performance
 
With 350mA Current Capability
 
Operating temperature: 0℃ to +70℃
 
Storage temperature: -40℃ to +85℃
Electrical Specifications @25℃
Part No.
OCL
LK
DCR
Turns Ratio
HI-POT
G24107MN-R
100 KHz, 0.1V with 8mA DC Bais
100KHz, 0.2V
1.4Ω Max
1CT:1CT±5%
1500Vrms
350 uH Min
0.5uH Max
Continue
Insertion Loss
Return Loss
Cross Talk
Common Mode
Rejection
0.3-100 MHz
1-40 MHz
40-100MHz
1-100 MHz
1-100 MHz
-1.0 dB Max
-18 dB Min
-12+20*log(f/80)dB Min
-30 dB Min
-30 dB Min
MECHANICAL(Unit:mm)
SCHEMATICS
Guang Dong MISUN Technology Co., Ltd
TEL: +86-769-86761589
FAX: +86-769-86761549
  


Similar Part No. - G24107MN-R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
G2412D-2W MORNSUN-G2412D-2W Datasheet
138Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
G2412S-1W MORNSUN-G2412S-1W Datasheet
1,014Kb / 5P
1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
G2412S-1W MORNSUN-G2412S-1W Datasheet
1Mb / 5P
FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
logo
Guangzhou Reicu Electro...
G2412S-1W REICU-G2412S-1W Datasheet
1Mb / 1P
6000VDC Isolated 1W Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
G2412S-1WR2 MORNSUN-G2412S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
More results

Similar Description - G24107MN-R

ManufacturerPart #DatasheetDescription
logo
Dongguan Xinkang Electr...
QT24A03 TNK-QT24A03 Datasheet
100Kb / 1P
1000 Base-T Single Port Transformer Module
logo
Bourns Electronic Solut...
SM13143EL BOURNS-SM13143EL Datasheet
410Kb / 4P
SM13143EL - 10/100/1000 Base-T Transformer
11/21
logo
Abracon Corporation
ALANL10001 ABRACON-ALANL10001 Datasheet
1Mb / 7P
10/100/1000 BASE-T Low Profile SMD LAN Transformer Module
08-5-19
ALANM10001 ABRACON-ALANM10001 Datasheet
1Mb / 6P
10/100/1000 Base-T Single Port SMD LAN Transformer Module
05-6-19
ALANM10002 ABRACON-ALANM10002 Datasheet
902Kb / 6P
10/100/1000 BASE-T Dual Port SMD LAN Transformer Module
05-10-19
logo
GUANGDONG MISUN TECHNOL...
G48506MN FPE-G48506MN Datasheet
177Kb / 1P
100/1000 Base-T transformer Module
REV: A
H16101MC FPE-H16101MC Datasheet
174Kb / 1P
10/100 Base-T transformer Module
REV: A
H40520MN FPE-H40520MN Datasheet
174Kb / 1P
10/100 Base-T transformer Module
REV: A
LG50207SN FPE-LG50207SN Datasheet
182Kb / 1P
100/1000 Base-T transformer Module
LH16110SN FPE-LH16110SN Datasheet
175Kb / 1P
10/100 Base-T transformer Module
REV: A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com