Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1184 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1184
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1184 Datasheet HTML 4Page - Diodes Incorporated AP1184 Datasheet HTML 5Page - Diodes Incorporated AP1184 Datasheet HTML 6Page - Diodes Incorporated AP1184 Datasheet HTML 7Page - Diodes Incorporated AP1184 Datasheet HTML 8Page - Diodes Incorporated AP1184 Datasheet HTML 9Page - Diodes Incorporated AP1184 Datasheet HTML 10Page - Diodes Incorporated AP1184 Datasheet HTML 11Page - Diodes Incorporated AP1184 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
11 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Package Information ( unit: mm )
(1) SOP-8L
1.27typ
0.3/0.5
7°~9°
4.80/5.30
7°~9°
3.70/4.10
0.38/1.27
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
(2) TO263-5L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com