Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1186 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1186
Description  1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1186 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1186 Datasheet HTML 1Page - Diodes Incorporated AP1186 Datasheet HTML 2Page - Diodes Incorporated AP1186 Datasheet HTML 3Page - Diodes Incorporated AP1186 Datasheet HTML 4Page - Diodes Incorporated AP1186 Datasheet HTML 5Page - Diodes Incorporated AP1186 Datasheet HTML 6Page - Diodes Incorporated AP1186 Datasheet HTML 7Page - Diodes Incorporated AP1186 Datasheet HTML 8Page - Diodes Incorporated AP1186 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP1186
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1186 Rev. 1
3 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
Input Voltage
16
V
Vctrl
Control Input Voltage
18
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics
Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and TJ = 0 to 150
oC. Typical value refers to TA =
25
oC. Vout = Vsense.
SYM.
Parameter
Test Condition
Min. Typ. Max. Unit
VREF
Reference
Voltage
AP1186-Adj
TA = 25
oC,(V
IN-VOUT) = 0.5V,IO = 10mA
Vctrl = VIN+1V
1.225 1.250 1.275
V
AP1186-1.5
IOUT = 10mA, TA = 25
oC, 2V≦V
IN≦12V
Vctrl = VIN+1V
1.470 1.500 1.530
AP1186-1.8
IOUT = 10mA, TA = 25
oC, 2.3V≦V
IN≦12V
Vctrl = VIN+1V
1.764 1.800 1.836
AP1186-2.5
IOUT = 10mA, TA = 25
oC, 3V≦V
IN≦12V
Vctrl = VIN+1V
2.450 2.500 2.550
AP1186-3.3
IOUT = 10mA, TA = 25
oC, 3.8V≦V
IN≦12V
Vctrl = VIN+1V
3.235 3.300 3.365
Vout Output Voltage
AP1186-5.0
IOUT = 10mA, TA = 25
oC, 5.5V≦V
IN≦12V
Vctrl = VIN+1V
4.900 5.000 5.100
V
Line Regulation
AP1186-XXX
IO = 10mA, VOUT+0.5V<VIN<12V
Vctrl = VIN+1V
0.2
%
AP1186-Adj
0mA<Io<1.5A, TA=25
oC
(VIN – VOUT) = 2V, Vctrl = VIN + 1V
1
%
AP1186-1.5
VIN = 3V, 0mA<Io<1.5A, TA = 25
oC
Vctrl = 4V
12
15
mV
AP1186-1.8
VIN = 3.3V, 0mA<Io<1.5A, TA = 25
oC
Vctrl = 4.3V
15
18
mV
AP1186-2.5
VIN = 4V, 0mA<Io<1.5A, TA = 25
oC
Vctrl = 5V
20
25
mV
AP1186-3.3
VIN = 5V, 0≦IOUT≦1.5A, TA = 25
oC ,
TA= 25
oC V
ctrl = 6V
26
33
mV
Load Regulation
AP1186-5.0
VIN = 8V, 0≦IOUT≦1.5A, TA= 25
oC ,
TA= 25
oC V
ctrl = 9V
40
50
mV
Dropout Voltage
(Vctrl-Vout)
Vadj = 0V for all conditions below.
Vin = 2.05V, Io = 1.5A
1.23
V
Dropout Voltage
(Vin-Vout)
Vadj = 0V for all conditions below.
Vctrl = 3V, Io = 1.5A
0.26 0.38
V
Current Limit
Vctrl = 3V, Vin = 2.05V, ∆Vo = 100mV, Vadj = 0V
1.6
A
Minimum Load
Current
Vctrl = 5V, Vin = 3.3V, Vadj = 0V
5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com