Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1121AS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1121AS
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1121AS Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1121AS Datasheet HTML 1Page - Diodes Incorporated AP1121AS Datasheet HTML 2Page - Diodes Incorporated AP1121AS Datasheet HTML 3Page - Diodes Incorporated AP1121AS Datasheet HTML 4Page - Diodes Incorporated AP1121AS Datasheet HTML 5Page - Diodes Incorporated AP1121AS Datasheet HTML 6Page - Diodes Incorporated AP1121AS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
4 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18 V
V
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +125
oC
TM
Maximum Junction Temperature
150
oC
Electrical Characteristics
( Under Operating Conditions )
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
AP1121_ - VOUT1
IOUT = 10mA, TA = 25
oC,
4.8V
≤VIN≤12V
3.235
3.300
3.365
V
AP1121A - VOUT2
IOUT = 10mA, TA = 25
oC,
4V
≤VIN≤12V
2.450
2.500
2.550
V
Output Voltage
AP1121B - VOUT2
IOUT = 10mA, TA = 25
oC,
4V
≤VIN≤12V
1.764
1.800
1.836
V
Line Regulation
IO = 10mA, VOUT +1.5V<VIN<12V, TA = 25
oC
0.2
%
AP1121 series
VOUT1
VIN = 5V, 0≤IOUT ≤1A,
TA = 25
oC (Note 3, 4)
26
33
mV
Load Regulation
AP1121 series
VOUT2
VIN = 4V, 0mA<Io<1A,
TA = 25
oC (Note 4, 5)
20
25
mV
Dropout Voltage
(VIN-VOUT)
IOUT = 1A, ∆VOUT = 0.1%VOUT
1.3
1.4
V
Current Limit
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
0
oC≤Tj≤125oC (Note 5)
5
10
mA
Thermal Regulation
TA = 25
oC, 30ms pulse
0.008
0.04
%/W
Ripple Rejection
F = 120Hz, COUT = 25uF Tantalum, IOUT = 1A
60
70
dB
Temperature Stability
IO = 10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient (No
heat sink; No air flow)
SOP8: Control Circuitry/Power Transistor
(Note 6)
CH1 or CH2 only
CH1 & CH2 and PD1 = PD2
177
158
OC/W
JC
θ Thermal Resistance
Junction-to-Case
SOP8: Control Circuitry/Power Transistor
(Note 6)
CH1 or CH2 only
CH1 & CH2 and PD1 = PD2
29
19
OC/W
Note:
3.
See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
4.
Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input/output
differentially and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
5.
Quiescent current is defined as the minimum output current that requires maintaining regulation. At 12V input/output differential the device is
guaranteed to regulate if the output current is greater than 10mA.
6.
Vout1 and Vout2 are connected to the PCB copper area 5.5mm*5.5mm separately. If you need large PD or lower Tc & Tj, please connect to
the large copper area >> 5.5mm*5.5mm (like 10mm*10mm).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com