Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0420-R22M1 Datasheet(PDF) 3 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MA0420-R22M1
Description  COMPOSITE FORMING SMDINDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MA0420-R22M1 Datasheet(HTML) 3 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  MA0420-R22M1 Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MA0420-R22M1 Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MA0420-R22M1 Datasheet HTML 3Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Reminders
Please pay sufficient attention to the warnings for safe designing when using these products.
※ The storage period is less than 12 months. Be sure to follow the storage conditions (Temperature: 5 to 40°C,
Humidity:10 to 75% RHor less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
※ Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
※ Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature
and chip temperaturedoes not exceed 150°C.
※ Soldering corrections after mounting should be within the range of the conditions determined in the
specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
※ Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be
sufficient for the set thermaldesign.
※ Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
Tel: +86 -769 - 86761589
http://www.fpe.com.cn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com