Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0420-R10M1 Datasheet(PDF) 2 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MA0420-R10M1
Description  COMPOSITE FORMING SMDINDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MA0420-R10M1 Datasheet(HTML) 2 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  MA0420-R10M1 Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MA0420-R10M1 Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MA0420-R10M1 Datasheet HTML 3Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Packaging
1)Reel dimensions
2) Tape packaging dimensions
3) Tape Direction
4) Peel force of top cover tape
The peel speed shall be about 300 mm/minute
The peel force of top cover tape shall be between
0.1 to 1.3N
Numbers of taping: 3000 pieces / reel.
165~185°
0.1~0.7N
Carrier tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com