Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1507 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1507
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1507 Datasheet HTML 1Page - Diodes Incorporated AP1507 Datasheet HTML 2Page - Diodes Incorporated AP1507 Datasheet HTML 3Page - Diodes Incorporated AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
3 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
+24
V
VSD
ON
/OFF Pin Input Voltage
-0.3 to +18
V
VFB
Feedback Pin Voltage
-0.3 to +18
V
VOUT
Output Voltage to Ground
-1
V
PD
Power Dissipation
Internally Limited
W
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Temperature
-40 to +125
oC
VOP
Operating Voltage
+4.5 to +22
V
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN = 12V for 3.3V, 5V, adjustable version and VIN = 18V for the 12V version. ILOAD = 0.5A
Specifications with boldface type are for full operating temperature range, the other type are for TJ = 25ºC.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-50
IFB
Feedback Bias Current
VFB = 1.3V
( Adjustable Version Only )
-10
-100
nA
127
150
173
FOSC
Oscillator Frequency
110
173
KHz
FSCP
Oscillator Frequency of
Short Circuit Protect
When current limit Occurred
and VFB < 0.5V, Ta = 25
oC
10
30
50
KHz
1.6
VSAT
Saturation Voltage
IOUT = 3A
No Outside Circuit
VFB = 0V Force Driver On
1.4
1.7
V
Max. Duty Cycle (ON)
VFB = 0V Force Driver On
100
DC
Min. Duty Cycle (OFF)
VFB = 12V Force Driver Off
0
%
5.5
ICL
Current Limit
Peak Current
No Outside Circuit
VFB = 0V Force Driver On
3.6
4.5
6.5
A
Output = 0V
No Outside Circuit
VFB =12V Force Driver Off
-200
uA
ILEAK
Output = -1V
Output
leakage
current
VIN = 22V
-5
mA
IQ
Quiescent Current
VFB = 12V Force Driver Off
5
10
mA
150
ISTBY
Standby Quiescent
Current
ON
/OFF Pin = 5V
VIN = 22V
70
200
uA
VIL
Low (Regulator ON)
-
0.6
VIH
ON
/OFF Pin Logic Input
Threshold Voltage
High (Regulator OFF)
2.0
1.3
-
V
IH
ON
/OFF Pin Logic Input
Current
VLOGIC = 2.5V (OFF)
-0.01
IL
ON
/OFF Pin Input Current VLOGIC = 0.5V (ON)
-0.1
-1
uA
ΘJC
Thermal Resistance
TO252-5L
Junction to
Case
10
oC/W
ΘJA
Thermal Resistance
with copper area of
approximately 2cm ×2cm
TO252-5L
Junction to
Ambient
50
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com