Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122E Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1122E
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122E Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1122E Datasheet HTML 1Page - Diodes Incorporated AP1122E Datasheet HTML 2Page - Diodes Incorporated AP1122E Datasheet HTML 3Page - Diodes Incorporated AP1122E Datasheet HTML 4Page - Diodes Incorporated AP1122E Datasheet HTML 5Page - Diodes Incorporated AP1122E Datasheet HTML 6Page - Diodes Incorporated AP1122E Datasheet HTML 7Page - Diodes Incorporated AP1122E Datasheet HTML 8Page - Diodes Incorporated AP1122E Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
2 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Pin Assignment
(1) SOT223-3L
(2) TO252-3L
Vin
Vout
GND
Tab is Vout
(Top View )
3
2
1
3
2
1
Vin
Vout
GND
Tab is Vout
(Top View )
(3) SOT89-3L
GND
Vout
Vin
1
3
2
Tab is Vout
Typical Application Circuit
C2
100uF
2.5V
1.2V/1A
Tab is Vout
Vin
Vout
GND
C1
100uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com