Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122Y Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1122Y
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122Y Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1122Y Datasheet HTML 1Page - Diodes Incorporated AP1122Y Datasheet HTML 2Page - Diodes Incorporated AP1122Y Datasheet HTML 3Page - Diodes Incorporated AP1122Y Datasheet HTML 4Page - Diodes Incorporated AP1122Y Datasheet HTML 5Page - Diodes Incorporated AP1122Y Datasheet HTML 6Page - Diodes Incorporated AP1122Y Datasheet HTML 7Page - Diodes Incorporated AP1122Y Datasheet HTML 8Page - Diodes Incorporated AP1122Y Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
1 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
1.3V maximum dropout at full load current
•
Fixed 1.2V±2% output voltage
•
Fast transient response
•
Output current limiting
•
Built-in thermal shutdown
•
Good noise rejection
•
Packages: SOT223-3L, TO252-3L, SOT89-3L
•
SOT223-3L and TO252-3L: Available in “Green”
Molding Compound (No Br, Sb) (Note 1)
•
Lead Free Finish/RoHS Compliant (Note 2)
AP1122 is a low dropout positive fixed-mode regulator with 1A
output current capability. The product is specifically designed to
provide well-regulated supply for low voltage IC applications such
as high-speed bus termination and low current 1.2V logic supply.
AP1122 is also well suited for other applications such as VGA
cards. AP1122 is guaranteed to have lower than 1.3V dropout at
full load current making it ideal to provide well-regulated outputs
of 1.2 output voltage with 2.5V input voltage supply.
Applications
•
PC peripheral
•
Communication
Ordering Information
E : SOT223-3L
D : TO252-3L
Y : SOT89-3L
Package
L : Lead Free
A P 1 1 2 2 X X X
Lead Free
Packing
-U
: Tube
-13 : Taping
G : Green (Note 1)
Note:
1. Green is only for SOT223-3L and TO252-3L.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Tube/Bulk
13” Tape and Reel
Device
(Note 3)
Package
Code
Packaging
(Note 3)
Quantity Part Number
Suffix
Quantity
Part Number
Suffix
AP1122E
E
SOT223-3L
75
-U
2500/Tape & Reel
-13
AP1122D
D
TO252-3L
80
-U
2500/Tape & Reel
-13
AP1122Y
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13


Similar Part No. - AP1122Y

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1122Y ANACHIP-AP1122Y Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
AP1122YA ANACHIP-AP1122YA Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
Diodes Incorporated
AP1122YG-13 DIODES-AP1122YG-13 Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
AP1122YL-13 DIODES-AP1122YL-13 Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
More results

Similar Description - AP1122Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
1A Low Dropout Positive Regulator
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1112 ADDTEK-AMC1112 Datasheet
176Kb / 8P
1A LOW DROPOUT POSITIVE REGULATOR
MAY 2007
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122 Datasheet
178Kb / 4P
1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com