Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7170AIPG Datasheet(PDF) 12 Page - Intersil Corporation

Part # ICM7170AIPG
Description  Microprocessor-Compatible, Real-Time짰lock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170AIPG Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ICM7170AIPG Datasheet HTML 6Page - Intersil Corporation ICM7170AIPG Datasheet HTML 7Page - Intersil Corporation ICM7170AIPG Datasheet HTML 8Page - Intersil Corporation ICM7170AIPG Datasheet HTML 9Page - Intersil Corporation ICM7170AIPG Datasheet HTML 10Page - Intersil Corporation ICM7170AIPG Datasheet HTML 11Page - Intersil Corporation ICM7170AIPG Datasheet HTML 12Page - Intersil Corporation ICM7170AIPG Datasheet HTML 13Page - Intersil Corporation ICM7170AIPG Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
General Notes
1.TIME ACCESS - To update the present time registers (Hex 00 -
07) the 1/100 register must be read first. The 7 real time counter
registers (Hours, Minutes, Seconds, Month, Date, Day, and
Year) data are latched only if the 1/100 second counter register
is read. The 1/100 seconds data itself is not latched. The real
time data will be held in the latches until the 1/100 seconds is
read again. See the data sheet section on LATCHED DATA.
None of the RAM data is latched since it is static by nature.
2. REGULATED OSClLLATOR - The oscillator’s power supply is
voltage regulated with respect to VDD. In the 32kHz mode the
regulator’s amplitude is
∑VTN + VTP (≅1.8V). In the 1, 2, and
4MHz mode the regulator’s amplitude is
∑V
TN + VTN + VTP
(
≅2.6V). As a result, signal conditioning is necessary to drive the
oscillator with an external signal. In addition, it is also necessary
to buffer the oscillator’s signal to drive other external clocks
because of its reduced amplitude and offset voltage.
3. INTERNAL BATTERY BACKUP - When the ICM7170 is using its
own internal battery backup circuitry, no other circuitry interfaced
to the ICM7170 should be active during standby operation.
When VDD (+5V) is turned off (Standby operation), VDD should
equal VSS = 0V. All ICM7170 I/O should also equal VSS. At this
time, the VBACKUP pin should be 2.8V to 3.5V below VSS when
using a Lithium battery.
4. EXTERNAL BATTERY BACKUP - The ICM7170 may be placed
on the same power supply as battery-backed up RAM by
keeping the ICM7170 in its operational state and having an
external circuit switch between system and backup power for the
ICM7170 and the RAM. In this case VBACKUP should be pulled
up to VDD through a 2K resistor. Although the ICM7170 is
always “on” in this configuration, its current consumption will
typically be less than a microamp greater than that of standby
operation at the same supply voltage (See Note 9). Proper
consideration must be given to disabling the ICM7170s and the
RAMs I/O before system power is removed. This is important
because many microprocessors can generate spurious write
signals when their supply falls below their specified operating
voltage limits. NANDing CS (or WR) with a POWERGOOD
signal will create a CS (or WR) that is only valid when system
power is within specifications. The POWERGOOD signal should
be generated by an accurate supply monitor such as the
ICL7665 under/over voltage detector. An alternate method of
disabling the ICM7170’s I/O is to pull VBACKUP down to under a
volt above VSS (VSS < VBACKUP <1.0V). This will cause the
ICM7170 to internally disable all I/O. Do not allow VBACKUP to
equal VSS, since this could cause oscillation of the battery
backup comparator (See Figure 6). VBACKUP = VSS + 0.5V will
disable the I/O and provide enough overdrive for the comparator.
5. ICM7170A PART - The ICM7170A part is binned at final test for
a 32.768kHz maximum current of 5
µA. All other specifications
remain the same.
6. INTERRUPTS - The Interrupt Status Register (address 10H)
always indicates which of the real time counters have been
incremented since the last time the register was read. NOTE:
This is independent of whether or not any mask bits are set.
The status register is always reset immediately after it is read. If
an interrupt from the ICM7170 has occurred since the last time
the status register was read, bit D7 of the register will be set. If
the source was an alarm interrupt, bit D0 will also be set. If the
interrupt transistor has been turned on, reading the Interrupt
Status Register will reset it.
To enable the periodic interrupt, both the Command Register’s
Interrupt Enable bit (D4) and at least one bit in the Interrupt
Mask Register (D1 - D6) must be set to a 1. The periodic inter-
rupt is triggered when the counter corresponding to a mask bit
that has been set is incremented. For example, if you enable
the 1 second interrupt when the current value in the 100ths
counter is 57, the first interrupt will occur 0.43 seconds later. All
subsequent interrupts will be exactly one second apart. The
interrupt service routine should then read the Interrupt Status
Register to reset the interrupt transistor and, if necessary,
determine the cause of the interrupt (periodic, alarm, or non-
ICM7170 generated) from the contents of the status register.
To enable the alarm interrupts, both the Command Register’s
Interrupt Enable bit (D4) and the Interrupt Mask Register’s
Alarm bit (D0) must be set to a 1. Each time there is an exact
match between the values in the alarm register and the values
in the real time counters, bits D0 and D7 of the Interrupt Status
Register will be set to a 1 and the N-channel interrupt transistor
will be turned on. As with a periodic interrupt, the service routine
should then read the Interrupt Status Register to reset the inter-
rupt transistor and, since periodic and alarm interrupts may be
simultaneously enabled, determine the cause of the interrupt if
necessary.
Mask bits: The ICM7170 alarm interrupt compares the data in
the alarm registers with the data in the real time registers, ignor-
ing any registers with the mask bit set. For example, if the alarm
register is set to 11-23-95 (Month-Day-Year), 10:59:00:00
(Hour-Minutes-Seconds-Hundredths), and DAY = XX (XX =
masked off), the alarm will generate a single interrupt at 10:59
on November 23,1995. If the alarm register is set to 11-XX-95,
10:XX:00:00, and DAY = 2 (2 = Tuesday); the alarm will gener-
ate one interrupt every minute from 10:00-10:59 on every
Tuesday in November, 1995.
NOTE: Masking off the 100ths of a second counter has the
same effect as setting it to 00.
7. RESlSTOR IN SERIES WITH BATTERY - A 2K resistor (R2)
must be placed in series with the battery backup pin of the
ICM7170. The UL laboratories have requested the resistor to
limit the charging and discharging current to the battery. The
resistor also serves the purpose of degenerating parasitic SCR
action. This SCR action may occur if an input is applied to the
ICM7170, outside of its supply voltage range, while it is in the
standby mode.
8. VBACKUP DIODE - Lithium batteries may explode if charged or if
discharged at too high a rate. These conditions could occur if the
battery was installed backwards or in the case of a gross
component failure. A 1N914-type diode placed in series with the
battery as shown in Figure 9 will prevent this from occurring. A
resistor of 2M
Ω or so should parallel the diode to keep the
VBACKUP terminal from drifting toward the VSS terminal and
shutting off ICM7170 I/O during normal operation.
9. SUPPLY CURRENT - ICM7170 supply current is predominantly
a function of oscillator frequency and databus activity. The lower
the oscillator frequency, the lower the supply current. When
there is little or no activity on the data, address or control lines,
the current consumption of the ICM7170 in its operational mode
approaches that of the backup mode.
ICM7170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com