Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO6LC Datasheet(PDF) 3 Page - Protek Devices

Part # IO6LC
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

IO6LC Datasheet(HTML) 3 Page - Protek Devices

  IO6LC_07 Datasheet HTML 1Page - Protek Devices IO6LC_07 Datasheet HTML 2Page - Protek Devices IO6LC_07 Datasheet HTML 3Page - Protek Devices IO6LC_07 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IO6LC
3
05137.R7 2/07
www.protekdevices.com
GRAPHS
800
850
900
1,000
1,050
1,100
1,150
Forward Voltage Drop - mV
FIGURE 2
TYPICAL LOW CURRENT FORWARD VOLTAGE DROP
200
160
120
80
40
0
T
A = 25°C
SINGLE PULSE
See Figure 1
0
0.5
1
1.5
2
2.5
3
3.5
4.0
Forward Voltage Drop - V
FIGURE 3
TYPICAL HIGH CURRENT FORWARD VOLTAGE DROP
5
4
3
2
1
0
T
A = 25°C
SINGLE PULSE
See Figure 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com