Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1603 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1603
Description  STEP-UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1603 Datasheet HTML 1Page - Diodes Incorporated AP1603 Datasheet HTML 2Page - Diodes Incorporated AP1603 Datasheet HTML 3Page - Diodes Incorporated AP1603 Datasheet HTML 4Page - Diodes Incorporated AP1603 Datasheet HTML 5Page - Diodes Incorporated AP1603 Datasheet HTML 6Page - Diodes Incorporated AP1603 Datasheet HTML 7Page - Diodes Incorporated AP1603 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
3 of 8
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage (OUT to GND)
-0.3 to 5.5
V
VREF
REF to GND
-0.3 to VOUT +0.3
V
VSW
Switch Voltage (LX to GND)
-0.3 to VOUT +0.3
V
IOUT
Output Current (OUT)
-0.8 to 0.2
A
ISW
Switch Current (LX)
-0.8 to 0.2
A
TST
Storage Temperature Range
-65 to +150
oC
TOP
Operation Temperature Range
-40 to +85
oC
Electrical Characteristics
( VIN = 2V, FB = VOUT, RL = ∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C )
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Minimum Input Voltage
-
0.9
-
V
VIN
Operating Voltage
TA = +25°C
1.1
-
5.5
V
Start-Up Voltage
TA = +25°C,
RL = 3kΩ (Note 3)
-
0.9
1.1
V
Start-Up Voltage Tempco
-
-4
-
mV/°C
Output Voltage Range
2
-
5.5
V
FB = VOUT = 3.3V
100
150
-
IOUT
Steady-State Output Current
(Note 4)
VIN = 2.4V, FB = GND,
VOUT = 5V
-
80
-
mA
VREF
Reference Voltage
IREF = 0
1.196
1.22
1.244
V
FB = VOUT
3.17
3.3
3.43
VOUT
Output Voltage
FB = GND
4.8
5
5.2
V
TEMPCO
Reference Voltage Tempco
-
0.05
-
mV/°C
VREF_LOAD
Reference Voltage Load
Regulation
IREF = 0 to 20 µA
-
15
80
mV
VREF_LINE
Reference Voltage Line
Regulation
VIN = 1.1V to 3.6V
-
0.08
1.5
mV/V
RDS (ON)
Internal NFET, PFET
On-Resistance
ILX = 100mA
-
0.6
1.0
Ω
ILIM
LX Switch Current Limit
(NFET)
0.3
0.35
0.4
A
ILEAK
LX Leakage Current
VLX = 0, 5.5V; VOUT = 5.5V
-
0.05
1
µA
Operating Current into OUT
VOUT = 3.3V
-
16
35
µA
Shutdown Current into OUT
SHDN
= GND
-
0.1
1
µA
Efficiency
VOUT = 3.3V, ILOAD = 100mA
-
90
-
%
tON
LX Switch On-Time
3
4
7
µs
tOFF
LX Switch Off-Time
1.0
1.2
1.4
µs
ISHDN
SHDN
Input Current
VSHDN = 0 or VOUT
-
0.07
50
nA
VIL
-
-
0.2
VIH
SHDN
Input Voltage
Based on VOUT Voltage
0.8
-
-
VOUT
Note: 3. Start-up voltage operation is guaranteed with the addition of a Schottky 1N5819 external diode between the input and output.
4. Steady-state output current indicates that the device maintains output voltage regulation under load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com