Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP05C Datasheet(PDF) 2 Page - Protek Devices

Part # LP05C
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LP05C Datasheet(HTML) 2 Page - Protek Devices

  LP05C Datasheet HTML 1Page - Protek Devices LP05C Datasheet HTML 2Page - Protek Devices LP05C Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
05122.R2 2/07
www.protekdevices.com
LP05C
DEVICE CHARACTERISTICS
SYMBOL
VALUE
°C
-55 to 150
UNITS
TSTG
PARAMETER
Operating Temperature
TA
-55 to 150
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Storage Temperature
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
(See Note 1)
@ 10mA
(Positive)
V
(BR)
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
(See Note 2)
@ 10mA
(Negative)
V
(BR)
VOLTS
TYPICAL
CLAMPING
VOLTAGE
(See Note 1)
ESD = 8kV
(Positive)
VC
VOLTS
TYPICAL
CAPACITANCE
2.5V @ 1 MHz
C
j
pF
LP05C
LP5
5.6
-1.2
12
30
TYPICAL
CLAMPING
VOLTAGE
(See Note 2)
ESD = 8kV
(Negative)
VC
VOLTS
-8
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.5
MAXIMUM
LEAKAGE
CURRENT
(See Note 1)
@VWM
ID
µA
10
Note 1: Pins 3 to 1 and 3 to 2.
Note 2: Pins 1 to 3 and 2 to 3.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com