Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1184K5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1184K5
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184K5 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1184K5 Datasheet HTML 1Page - Diodes Incorporated AP1184K5 Datasheet HTML 2Page - Diodes Incorporated AP1184K5 Datasheet HTML 3Page - Diodes Incorporated AP1184K5 Datasheet HTML 4Page - Diodes Incorporated AP1184K5 Datasheet HTML 5Page - Diodes Incorporated AP1184K5 Datasheet HTML 6Page - Diodes Incorporated AP1184K5 Datasheet HTML 7Page - Diodes Incorporated AP1184K5 Datasheet HTML 8Page - Diodes Incorporated AP1184K5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
1 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
0.85V maximum dropout voltage at 4A load current
Built-in Thermal shutdown
Output current limiting
Adjustable or fixed output voltage 1.5V, 1.8V, 2.5V,
3.3V, 5.0V
Fast transient response
Good noise rejection
Packages: SOP-8L, TO220-5L and TO263-5L
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
AP1184 is a 4A regulator with extremely low dropout voltage.
This product is specifically designed to provide well regulated
supply for applications requiring 2.8V or lower voltages from 3.3V
ATX power supplies where high efficiency of the switch can be
achieved without the cost and complexity associated with
switching regulator. One such application is the new graphic
chipsets that requires anywhere from 2.4V to 2.7V supply.
AP1184 XX - X X X
Package
Vout
S:SOP-8L
K5:TO263-5L
T5:TO220-5L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
-U : Tube
-13 : Taping
Lead Free
L : Lead Free
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Ordering Information
Tube/Bulk
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1184S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
AP1184K5
K5
TO263-5L
50
-U
800/Tape & Reel
-13
AP1184T5
T5
TO220-5L
50
-U
NA
NA
Lead-free
Lead-free
Lead-free


Similar Part No. - AP1184K5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184K5 ANACHIP-AP1184K5 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
logo
Diodes Incorporated
AP1184K5 DIODES-AP1184K5 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
Anachip Corp
AP1184K515 ANACHIP-AP1184K515 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
AP1184K515A ANACHIP-AP1184K515A Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
AP1184K515L ANACHIP-AP1184K515L Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
More results

Similar Description - AP1184K5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep.7, 2004
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com