Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2001S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2001S
Description  MONOLITHIC DUAL CHANNEL PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2001S Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2001S Datasheet HTML 1Page - Diodes Incorporated AP2001S Datasheet HTML 2Page - Diodes Incorporated AP2001S Datasheet HTML 3Page - Diodes Incorporated AP2001S Datasheet HTML 4Page - Diodes Incorporated AP2001S Datasheet HTML 5Page - Diodes Incorporated AP2001S Datasheet HTML 6Page - Diodes Incorporated AP2001S Datasheet HTML 7Page - Diodes Incorporated AP2001S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP2001
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
3 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Block Diagram
Bandgap
Reference
DTC2
REF
OUT1
OUT2
PWM Amplifier 2
PWM Amplifier 1
EA1 +
EA1 -
VCC
Oscillator
RT
SCP
CT
DTC1
Error Amplifier 1
FB1
EA2+
EA2 -
Error Amplifier 2
FB2
R
S
VREF
UVLO
R
MAX.500KHz
GND
170K
1.18V
+
-
+
-
+
+
+
+
-
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
40
V
VI
Amplifier Input Voltage
20
V
VO
Collector Output Voltage
40
V
Io
Collector Output Current
21
mA
TOP
Operating Temperature Range
-20 to +85
oC
TST
Storage Temperature Range
-65 to +150
oC
TLEAD
Lead Temperature 1.6 mm (1/16 inch) from Case for 5 Seconds
245
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com