Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS32MS Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCS32MS
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS32MS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HCS32MS_07 Datasheet HTML 3Page - Intersil Corporation HCS32MS_07 Datasheet HTML 4Page - Intersil Corporation HCS32MS_07 Datasheet HTML 5Page - Intersil Corporation HCS32MS_07 Datasheet HTML 6Page - Intersil Corporation HCS32MS_07 Datasheet HTML 7Page - Intersil Corporation HCS32MS_07 Datasheet HTML 8Page - Intersil Corporation HCS32MS_07 Datasheet HTML 9Page - Intersil Corporation HCS32MS_07 Datasheet HTML 10Page - Intersil Corporation HCS32MS_07 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN3057.1
April 11, 2007
HCS32MS
Die Characteristics
DIE DIMENSIONS:
87milsx88 mils
2.20mmx2.2mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å ± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å ± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
μm x 100μm
4milsx4mils
Metallization Mask Layout
HCS32MS
A1
VCC
B4
B1 (2)
Y1 (3)
A2 (4)
B2 (5)
(6)
(7)
(8)
(9) A3
(10) B3
(11) Y4
(12) A4
(1)
(14)
(13)
Y2
GND
Y3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com