Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS32KMSR Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCS32KMSR
Description  Radiation Hardened Quad 2-Input OR Gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS32KMSR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HCS32KMSR Datasheet HTML 2Page - Intersil Corporation HCS32KMSR Datasheet HTML 3Page - Intersil Corporation HCS32KMSR Datasheet HTML 4Page - Intersil Corporation HCS32KMSR Datasheet HTML 5Page - Intersil Corporation HCS32KMSR Datasheet HTML 6Page - Intersil Corporation HCS32KMSR Datasheet HTML 7Page - Intersil Corporation HCS32KMSR Datasheet HTML 8Page - Intersil Corporation HCS32KMSR Datasheet HTML 9Page - Intersil Corporation HCS32KMSR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN3057.1
April 11, 2007
Total Dose Irradiation
CONFORMANCE GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
DC Post Radiation
Electrical Performance
Characteristics on page 4
1, 9
DC Post Radiation
Electrical Performance
Characteristics on
page 4 (Note 13)
NOTES:
13. Except FN test which will be performed 100% Go/No-Go.
Static And Dynamic Burn-In Test Connections
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 14)
3, 6, 8, 11
1, 2, 4, 5, 7, 9, 10, 12,
13
-14
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 14)
3, 6, 8, 11
7
-
1, 2, 4, 5, 9, 10, 12, 13,
14
--
DYNAMIC BURN-IN TEST CONNECTIONS (Note 15)
-
7
3, 6, 8, 11
14
1, 2, 4, 5, 9, 10, 12,
13
-
NOTES:
14. Each pin except VCC and GND will have a resistor of 10k
Ω ± 5% for static burn-in
15. Each pin except VCC and GND will have a resistor of 1k
Ω ± 5% for dynamic burn-in
Irradiation Test Conditions
OPEN
GROUND
VCC = 5V ± 0.5V
3, 6, 8, 11
7
1, 2, 4, 5, 9, 10, 12, 13, 14
NOTES:
16. Each pin except VCC and GND will have a resistor of 47K
Ω ± 5% for irradiation testing. Group E, Subgroup 2, sample size is 4 dice/wafer 0
failures.
HCS32MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com