Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3318CE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 5 Page - Intersil Corporation

  CA3318CE Datasheet HTML 1Page - Intersil Corporation CA3318CE Datasheet HTML 2Page - Intersil Corporation CA3318CE Datasheet HTML 3Page - Intersil Corporation CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FIGURE 2. OUTPUT ENABLE TIMING DIAGRAM
FIGURE 3A. STANDBY IN INDEFINITE AUTO BALANCE (SHOWN WITH PHASE = LOW)
FIGURE 3B. STANDBY IN SAMPLE (SHOWN WITH PHASE = LOW)
FIGURE 3. PULSE MODE OPERATION
Timing Waveforms (Continued)
tDIS
tEN
HIGH
IMPEDANCE
DATA
CE1
CE2
BITS 1 - 8
OF
tDIS
tEN
HIGH
IMPEDANCE
DATA
DATA
DATA
HIGH
IMPEDANCE
CLOCK
DATA
AUTO
BALANCE
NO MAX
LIMIT
25ns
MIN
33ns
MIN
25ns
MIN
50ns
MIN
AUTO
BALANCE
SAMPLE
N
SAMPLE
N + 1
500ns
33ns
MIN
25ns
MIN
50ns
TYP
AUTO
BALANCE
SAMPLE
N + 2
AUTO
BALANCE
SAMPLE
N + 1
SAMPLE
N
MAX
DATA
CLOCK
DATA
N - 1
DATA
N
CA3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com