Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70 Datasheet HTML 1Page - Diodes Incorporated BAS70 Datasheet HTML 2Page - Diodes Incorporated BAS70 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS70/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Low Turn-on Voltage
•
Fast Switching
•
PN Junction Guard Ring for Transient and ESD
Protection
•
Lead Free/RoHS Compliant (Note 3)
•
Qualified to AEC-Q101 Standards for High
Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Solderable per MIL-STD-202, Method
208
•
Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe).
•
Polarity: See Diagrams Below
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
BAS70 Marking: K73, K7C
BAS70-04 Marking: K74, K7D
BAS70-05 Marking: K75, K7E
BAS70-06 Marking: K76, K7F
Top View
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Maximum Forward Continuous Current (Note 1)
IFM
70
mA
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
IFSM
100
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating Junction Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
70
—
V
IR = 10µA
Forward Voltage
VF
—
410
1000
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Reverse Current (Note 2)
IR
⎯
100
nA
tp <300µs, VR = 50V
Total Capacitance
CT
⎯
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL =100Ω
Notes:
1.
Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead.
DS11007 Rev. 19 - 2
1 of 3
www.diodes.com
BAS70/ -04/ -05/ -06
© Diodes Incorporated
SPICE MODELS: BAS70 BAS70-04 BAS70-05 BAS70-06


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com