Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201ACJ Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG201ACJ
Description  Quad SPST, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201ACJ Datasheet(HTML) 2 Page - Intersil Corporation

  DG201ACJ Datasheet HTML 1Page - Intersil Corporation DG201ACJ Datasheet HTML 2Page - Intersil Corporation DG201ACJ Datasheet HTML 3Page - Intersil Corporation DG201ACJ Datasheet HTML 4Page - Intersil Corporation DG201ACJ Datasheet HTML 5Page - Intersil Corporation DG201ACJ Datasheet HTML 6Page - Intersil Corporation DG201ACJ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
V+ to V- .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . 44V
V- to Ground. . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. .-25V
VIN to Ground (Note 1) ... .. .. .. .. .. .. .. .. (V-) -2V to (V+) +2V
VS or VD to V+ (Note 1) ... .. .. .. .. .. .. .. .. .. ...+2 to (V-) -2V
VS or VD to V- (Note 1) ... .. .. .. .. .. .. .. .. .. .. -2 to (V+) +2V
Current, any Terminal ExceptS or D . .. .. .. .. .. ... .. .. .. 30mA
Continuous Current,S or D . .. .. .. .. .. .. .. .. .. . . . . . . . . 20mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . . . . 70mA
Operating Conditions
Temperature Range
“A” Suffix. . . . . . . . . . ... .. .. .. .. .. .. .. .. .. . -55oCto 125oC
“B” Suffix. . . . . . . . . . ... .. .. .. .. .. .. .. .. .. .. -25oCto 85oC
“C” Suffix . .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... . 0oCto 70oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . ... .. .. .. .. ..
75
20
PDIP Package . . . . . . ... .. .. .. .. ..
100
N/A
SOIC Package . . . . . . ... .. .. .. .. ..
100
N/A
Maximum Junction Temperature
Ceramic Package .. .. ... .. .. .. .. .. .. .. .. .. ... . . . . 175oC
Plastic Package . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on VS,VD,or VIN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 15V, V- = -15V, GND = 0V, TA =25
oC
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
See Figure 1
-
480
600
-
480
-
ns
Turn-OFF Time, tOFF
See Figure 1
-
370
450
-
370
-
ns
Charge Injection, Q
CL =1nF,RS =0,VS = 0V
-
20
-
-
20
-
pC
OFF Isolation, OIRR
VIN =5V, RL =75Ω,VS =2.0V,
f = 100kHz
-70
-
-70
-
dB
Crosstalk (Channel to Channel), CCRR
-
-90
-
-
-90
-
dB
Source OFF Capacitance, CS(OFF)
f = 140kHz, VIN =5V, VS =VD =0V
-
5.0
-
-
5.0
-
pF
Drain OFF Capacitance, CD(OFF)
-5.0
-
-
5.0
-
pF
Channel ON Capacitance,
CD(ON) +CS(ON)
-16
-
-16
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current with Voltage High, IIH
VIN = 2.4V
-1.0
-0.0004
-
-1.0
-0.0004
-
µA
VIN = 15V
-
0.003
1.0
-
0.003
1.0
µA
Input Current with Voltage Low, IIL
VIN = 0V
-1.0
-0.0004
-
-1.0
-0.0004
-
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
-15
-
15
-15
-
15
V
Drain-Source ON Resistance, rDS(ON)
VD = ±10V, VIN = 0.8V (DG201A)
IS =1mA,VIN = 2.4V (DG202)
-
115
175
-
115
200
Ω
Source OFF Leakage Current, IS(OFF)
VIN =2.4V
(DG201A)
VIN =0.8V
(DG202)
VS = 14V, VD = -14V
-
0.01
1.0
-
0.01
5.0
nA
VS =-14V, VD = 14V
-1.0
-0.02
-
-5.0
-0.02
-
nA
Drain OFF Leakage Current, ID(OFF)
VS =-14V, VD = 14V
-
0.01
1.0
-
0.01
5.0
nA
VS = 14V, VD = -14V
-1.0
-0.02
-
-5.0
-0.02
-
nA
DG201A, DG202



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com