Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS137-P Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ATS137-P
Description  SINGLE HALL EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137-P Datasheet(HTML) 2 Page - Diodes Incorporated

  ATS137-P Datasheet HTML 1Page - Diodes Incorporated ATS137-P Datasheet HTML 2Page - Diodes Incorporated ATS137-P Datasheet HTML 3Page - Diodes Incorporated ATS137-P Datasheet HTML 4Page - Diodes Incorporated ATS137-P Datasheet HTML 5Page - Diodes Incorporated ATS137-P Datasheet HTML 6Page - Diodes Incorporated ATS137-P Datasheet HTML 7Page - Diodes Incorporated ATS137-P Datasheet HTML 8Page - Diodes Incorporated ATS137-P Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
2 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Circuit
ATS137
3.5V ~20V
Digital Output
Vcc
DO
Vss
L
R
Regulator
Hall
Plate
Amp
1
3
2
VCC
VSS
DO
Functional Block Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com