Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG303ABK
Description  TTL-Compatible, CMOS Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG303ABK Datasheet(HTML) 5 Page - Intersil Corporation

  DG303ABK Datasheet HTML 1Page - Intersil Corporation DG303ABK Datasheet HTML 2Page - Intersil Corporation DG303ABK Datasheet HTML 3Page - Intersil Corporation DG303ABK Datasheet HTML 4Page - Intersil Corporation DG303ABK Datasheet HTML 5Page - Intersil Corporation DG303ABK Datasheet HTML 6Page - Intersil Corporation DG303ABK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Drain OFF Leakage
Current, ID(OFF)
VIN =0.8V or
VIN =4.0V
VS = -14V,
VD =14V
--
100
-
--
nA
VS =14V,
VD =-14V
-100
--
--
nA
Channel ON Leakage
Current, ID(ON)
VIN =0.8V or
VIN =4.0V
VD =VS = 14V
-
-
100
-
-
-
nA
VD =VS =-14V
-200
-
-
-
-
-
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VIN = 4V (One Input)
(All Others = 0)
--
1
-
--
mA
Negative Supply Current, I-
-100
-
-
-
-
-
µA
Positive Supply Current, I+
VIN = 0.8V (All Inputs)
-
-
100
-
-
-
µA
Negative Supply Current, I-
-100
-
-
-
-
-
µA
NOTES:
3. For design only, not 100% tested.
4. OFF isolation = 20 Log VS/VD,where VS = input to OFF switch, and VD = output.
Electrical Specifications
V+ = +15V, V- = -15V, GND = 0V, TA = Full Temperature Range (Continued)
PARAMETER
TEST CONDITION
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
Test Circuits and Waveforms
FIGURE 1. CHARGE INJECTION TEST CIRCUIT AND MEASUREMENT POINTS
FIGURE 2. BREAK-BEFORE MAKE TEST CIRCUIT AND MEASUREMENT POINTS (DG301A, DG303A)
RS
SX
CL = 10nF
VD
DX
INX
VS
VD
INX
∆VO
ON
OFF
ON
VO1
LOGIC “1” = SWITCH ON
VO2
S1
S2
IN
VS1 =3V
LOGIC
INPUT
GND
VS2 =3V
RL2
300
Ω
RL1
300
Ω
CL2
33pF
CL1
33pF
SWITCH
OUTPUT
15V
V+
-15V
V-
50%
tD
50%
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
VS1
0V
VS2
0V
D1
D2
(VO1)
(VO2)
0V
5V
DG300A, DG301A, DG303A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com