Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1060 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1060
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1060 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1060 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1060 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1060 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISF1060
eq FGH8N100C
N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
1000
--
--
V
IDSS
Drain-Source Leakage Current
VDS= 1000V; VGS= 0V;Tj=25℃
VDS= 800V; VGS= 0V; Tj=125℃
--
--
10
100
μ
A
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0V
--
--
±
100
nA
VGS(th)
Gate Threshold Voltage
VGS= VDS, V; ID=0.25mA
3.0
--
5.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 4A
--
1.2
1.45
Ω
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V,
f = 1.0MHz
--
2480
--
pF
Coss
Output Capacitance
--
200
--
Crss
Reverse Transfer Capacitance
--
18
--
Qg
Total Gate Charge
VDD = 800V,
ID = 8A,
VGS = 10V
--
55
70
nC
Qgs
Gate-Source Charge
--
13
--
Qgd
Gate-Drain Charge
--
23
--
td(on)
Turn-on Delay Time
VDD = 500V,
ID = 8A,
RG = 25Ω,
--
51
110
ns
tr
Turn-on Rise Time
--
98
200
td(off)
Turn-off Delay Time
--
130
254
tf
Turn-off Fall Time
--
82
170
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
-
-
8.0
A
ISM
Pulsed Source Current
-
-
32.0
VSD
Diode Forward Voltage
IS= 8.0A; VGS= 0V
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V,IS = 8A,
diF/dt = 100A /μs
-
620
-
ns
Qrr
Reverse Recovery Charge
-
5.2
-
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com