Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV19W
Description  SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV19W Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV19W Datasheet HTML 1Page - Diodes Incorporated BAV19W Datasheet HTML 2Page - Diodes Incorporated BAV19W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS12024 Rev. 16 - 2
1 of 3
BAV19W - BAV21W
www.diodes.com
@Diodes Incorporated
BAV19W - BAV21W
SURFACE MOUNT SWITCHING DIODE
·
Case: SOD-123
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe)
·
Polarity: Cathode Band
·
Marking: Date Code and Type Code, See Page 2
·
Type Code: BAV19W: A8 or T2 or T3
BAV20W: T2 or T3
BAV21W: T3
·
Ordering Information: See Page 3
·
Weight: 0.01 grams (approximate
)
Mechanical Data
Characteristic
Symbol
BAV19W
BAV20W
BAV21W
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
(Note 2)
Pd
250
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
BAV19W
BAV20W
BAV21W
V(BR)R
120
200
250
¾
V
IR = 100mA
Forward Voltage
VFM
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Peak Reverse Current
@ Rated DC Blocking Voltage (Note 1)
IRM
¾
100
15
nA
mA
Tj = 25°C
Tj = 100°C
Total Capacitance
CT
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. Part mounted on FR-4 PC board with minimum recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
Features
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
—
1.35
E
0.45
0.65
0.55 Typical
G
0.25
—
H
0.11 Typical
J
—
0.10
a
0
°
8
°
All Dimensions in mm
A
B
C
D
E
G
H
J
SPICE MODELS: BAV19W BAV20W BAV21W


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com