Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP24 Datasheet(PDF) 1 Page - Protek Devices

Part # PIP24
Description  AC POWER BUS VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PIP24 Datasheet(HTML) 1 Page - Protek Devices

  PIP24 Datasheet HTML 1Page - Protek Devices PIP24 Datasheet HTML 2Page - Protek Devices PIP24 Datasheet HTML 3Page - Protek Devices PIP24 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC POWER BUS VOLTAGE SUPPRESSOR
1
05027.R5 2/07
www.protekdevices.com
PHP8.4-PHP500
thru
PIP8.4-PIP500
APPLICATIONS
✔ Secondary AC Power Supply
✔ Aircraft & Shipboard AC Power Bus
✔ Heavy Duty AC Switching Power
IEC COMPATIBILITY (EN61000-4)
✔ Meets the Following Military Specifications:
- DOD-STD-1389
- MIL-STD-2036
- MIL-STD-704
- MIL-PRF-STD-19500/507
✔ 7,500 & 15,000 Watts Peak Pulse Power per Line (tp=10/1000µs)
✔ Each Device 100% Tested
✔ Available in Multiple Voltages Ranging From: 8.4V to 500V
MECHANICAL CHARACTERISTICS
✔ Hermetically Sealed Glass to Metal Sub-Assemblies (PHP)
✔ Sub-Assemblies are Packaged in Molded Epoxy Case (PIP)
✔ Weight 46 grams (Approximate)
✔ Flammability rating UL 94V-0
✔ Device Marking: Logo & Part Number
✔ Screening Available Upon Request - The PHP & PIP series can be screened upon
request for military requirements in accordance with MIL-PRF-19500 (applicable test).
Standard screening is available based on the following options:
H1 - Submodule Screening per test plans 05231 & 05232
H2 - Submodule & Module Screening per test plan 05233
H3 - Submodule & Module Screening, Module Group B & C Lot Testing
per test plans 05234 & 05235
PHP & PIP PACKAGE
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
T
STG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 10/1000µs) - See Fig. 1
PPP
7.5 & 15
kilowatts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Steady State Power Disspiation @ 50°C
T
A
7.5
Watts


Similar Part No. - PIP24

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PIP24 MICROSEMI-PIP24 Datasheet
80Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Protek Devices
PIP24 PROTEC-PIP24 Datasheet
72Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
logo
Sensitron
PIP24 SENSITRON-PIP24 Datasheet
52Kb / 3P
Transient Voltage Suppressor, Unidirectional
logo
Protek Devices
PIP24 PROTEC-PIP24 Datasheet
377Kb / 5P
ac power bus voltage suppressor
PIP24 PROTEC-PIP24 Datasheet
379Kb / 5P
AC POWER BUS VOLTAGE SUPPRESSOR
More results

Similar Description - PIP24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
60KS PROTEC-60KS Datasheet
104Kb / 3P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
PHP84-PHP500 PROTEC-PHP84-PHP500 Datasheet
72Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_07 Datasheet
68Kb / 3P
SHIPBOARD/ AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_10 Datasheet
430Kb / 6P
shipboard/ac power bus voltage suppressor
PHP8.4 PROTEC-PHP8.4 Datasheet
377Kb / 5P
ac power bus voltage suppressor
2700SM78CA PROTEC-2700SM78CA Datasheet
364Kb / 5P
POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_12 Datasheet
431Kb / 6P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4 PROTEC-PHP8.4_12 Datasheet
379Kb / 5P
AC POWER BUS VOLTAGE SUPPRESSOR
2700SM78CA PROTEC-2700SM78CA_12 Datasheet
364Kb / 5P
POWER BUS VOLTAGE SUPPRESSOR
100KS200CNH PROTEC-100KS200CNH Datasheet
282Kb / 5P
shipboard/ac power bus voltage suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com