Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP30 Datasheet(PDF) 2 Page - Protek Devices

Part # PIP30
Description  AC POWER BUS VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PIP30 Datasheet(HTML) 2 Page - Protek Devices

  PIP30 Datasheet HTML 1Page - Protek Devices PIP30 Datasheet HTML 2Page - Protek Devices PIP30 Datasheet HTML 3Page - Protek Devices PIP30 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PHP8.4-PHP500
thru
PIP8.4-PIP500
2
05027.R5 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Note 1: An * indicates that this series is recommended for marine applications. For military and aerospace applications, use the PHP Series. For
industrial applications use the PIP Series
Note 2: The following devices have a peak pulse power rating of 7,500W for a 10/1000µs waveform (see Figure 1): 8.4V, 24V and 30V.
PART
NUMBER
(See Notes 1-2)
MINIMUM
BREAKDOWN
VOLTAGE
(See Note 1)
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
PPM
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
PEAK PULSE
POWER
@ 1ms
P
PP
KILOWATTS
PHP8.4
PHP24
PHP30
PHP60
PHP120*
PHP208
PHP250*
PHP440
PHP500*
PIP8.4
PIP24
PIP30
PIP60
PIP120*
PIP208
PIP250*
PIP440
PIP500*
14
40
50
100
200
347
418
735
835
14
40
50
100
200
347
418
735
835
22
67
84
167
319
536
652
1138
1292
22
67
84
167
319
536
652
1138
1292
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
7.5
7.5
7.5
15.0
15.0
15.0
15.0
15.0
15.0
MAXIMUM
PEAK PULSE
CURRENT
I
PPM
AMPS
341
112
90
90
47
28
23
13.2
11.6
341
112
90
90
47
28
23
13.2
11.6
AVERAGE
RMS
VOLTAGE
V
RMS
VOLTS
8.4
24.0
30.0
60.0
120.0
208.0
250.0
440.0
500.0
8.4
24.0
30.0
60.0
120.0
208.0
250.0
440.0
500.0
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
12.0
34.0
42.5
85.0
170.0
295.0
354.0
623.0
708.0
12.0
34.0
42.5
85.0
170.0
295.0
354.0
623.0
708.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com