Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DF005M
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF005M Datasheet(HTML) 2 Page - Diodes Incorporated

  DF005M_1 Datasheet HTML 1Page - Diodes Incorporated DF005M_1 Datasheet HTML 2Page - Diodes Incorporated DF005M_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS21201 Rev. 14 - 2
2 of 3
DF005M-DF10M
www.diodes.com
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typ Forward Characteristics (per element)
F
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single half-sine-Wave
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance (per element)
R
T= 25°C
f=1.0Mhz
V
= 50 mV p-p
j
sig
0.01
0.1
1.0
10
100
20
040
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typ Reverse Characteristics (per element)
T = 125°C
j
T= 25°C
j
1.0
0.5
0
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
60 Hz Resistive or
Inductive load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com