Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTEV800 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HTEV800
Description  HITAG long range evaluation kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTEV800 Datasheet(HTML) 2 Page - NXP Semiconductors

  HTEV800 Datasheet HTML 1Page - NXP Semiconductors HTEV800 Datasheet HTML 2Page - NXP Semiconductors HTEV800 Datasheet HTML 3Page - NXP Semiconductors HTEV800 Datasheet HTML 4Page - NXP Semiconductors HTEV800 Datasheet HTML 5Page - NXP Semiconductors HTEV800 Datasheet HTML 6Page - NXP Semiconductors HTEV800 Datasheet HTML 7Page - NXP Semiconductors HTEV800 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Sep 24
2
Philips Semiconductors
Product specification
HITAG long range evaluation kit
HTEV800
FEATURES
The evaluation kit comprises the following components:
• HITAG long range read and write device
• Power supply unit +15 V and −15 V
• AC mains supply cable
• DC power supply cable
• External antenna including flat cable
• RS232 interface cable
• HITAG transponders
• CD-ROM with:
– Demonstration software
– Evaluation software
– ‘C’ source code
– User manual.
APPLICATIONS
• Easy integration and application of HITAG reader
modules.
GENERAL DESCRIPTION
HITAG(1) is the name of one of the universal and powerful
product lines of our 125 kHz family. The HITAG product
family is used both in the proximity area (operating range
up to approximately 200 mm) and in the long range area
(operating range up to approximately 1000 mm).
Developing our HITAG products, utmost consideration
was given to security and reliability. The use of
cryptography guarantees highest data security.
The central part of every HITAG read and write device is
the HITAG core module, which ensures full compatibility
for every HITAG read and write device.
To give you the possibility for an easy and quick start with
our HITAG products we offer a HITAG long range
evaluation kit. Easy application certainly is an important
factor in making the long range evaluation kit suitable for
evaluation purposes. You will be able to present your ideas
and demonstrate the performance of your system with the
help of the HITAG evaluation kit.
The HTEV800 supports both HITAG 1 and HITAG 2
products. Moreover, the HTEV800 supports the
anticollision feature of HITAG 1.
(1) HITAG - is a trademark of Philips Semiconductors
Gratkorn GmbH.
ORDERING INFORMATION
PART NUMBER
NAME
ORDER CODE (12NC)
HTEV800
HITAG long range evaluation kit
9352 341 50122



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com