Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMD29 Datasheet(PDF) 3 Page - Rohm

Part # EMD29
Description  General purpose transistor (isolated transistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD29 Datasheet(HTML) 3 Page - Rohm

  EMD29 Datasheet HTML 1Page - Rohm EMD29 Datasheet HTML 2Page - Rohm EMD29 Datasheet HTML 3Page - Rohm EMD29 Datasheet HTML 4Page - Rohm EMD29 Datasheet HTML 5Page - Rohm EMD29 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMD29
Transistors
Rev.A
3/5
Electrical characteristics (Ta=25
°C)
DTr1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Resistance ratio
R2/R1
8
10
12
−−
−
Vl(off)
−
−−0.3
V
VCC
= −5V / Io= −100uA
Output voltage
Vo(on)
−
−60
−300
mV
IO
= −100mA, II= −5mA
Input voltage
II
−
−−6.4
mA
VI
= −5V
Input current
IO(off)
−−
−0.5
VCC
= −12V / VI=0V
Output current
GI
140
−
−
VO
= −2V / Io= −100mA
DC current gain
fT
−
−
MHz
VCE
= −10V / IE=5mA, f=100MHz
Transition frequency
∗
R1
0.7
1.0
1.3
k
Ω
Input resistance
260
µA
−
VI(on)
−2.5
−−
V
VO
= −0.3V / Io= −20mA
∗ Characteristics of built-in transistor.
DTr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Resistance ratio
R2/R1
0.8
1
1.2
−−
−
Vl(off)
−
−
0.5
V
VCC
=5V / Io=100uA
Output voltage
Vo(on)
−
100
300
mV
IO
=10mA, II=0.5mA
Input voltage
II
−
−
880
µA
VI
=5V
Input current
IO(off)
−−
0.5
VCC
=50V / VI=0V
Output current
GI
30
−
−
VO
=5V / Io=5mA
DC current gain
fT
−
−
MHz
VCE
=10V / IE= −5mA, f=100MHz
Transition frequency
∗
R1
710
13
k
Ω
Input resistance
250
µA
−
VI(on)
3
−−
V
VO
=0.3V / Io=2mA
∗ Characteristics of built-in transistor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com