Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW200R10VT Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SW200R10VT
Description  N-Channel 100 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SW200R10VT Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SW200R10VT Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
12
24
36
48
60
012345
VDS - Drain-to-Source Voltage (V)
V
= 10 V thru 7 V
V
= 6 V
V
= 5 V
GS
GS
GS
0.015
0.020
0.025
0.030
0.035
0.040
0
102030405060
ID - Drain Current (A)
VGS = 10 V
VGS = 8 V
0
2
4
6
8
10
0
6
12
18
24
30
ID = 5 A
Qg - Total Gate Charge (nC)
VDS = 50 V
VDS = 100 V
VDS = 75 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.3
0.6
0.9
1.2
0246
8
10
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
400
800
1200
1600
2000
020
40
60
80
100
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.5
0.9
1.3
1.7
2.1
2.5
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 5 A
VGS = 8 V
SW200R10VT
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com