Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXAAL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78DXXAAL-TN3-R
Description  3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXAAL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  78DXXAAL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXAAL-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78DXXAA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R101-043.F
3-TERMINALS 1.5A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78DXXAA family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1.5 A.
FEATURES
* Peak output current up to 1.5A.
* Fixed output voltage of 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V and
18V available.
* Thermal overload shutdown protection.
* Short circuit current limiting.
* Output transistor SOA protection.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
78DXXAAL-TN3-R
78DXXAAG-TN3-R
TO-252
I
G
O
Tape Reel
78DXXAAL-TN3-T
78DXXAAG-TN3-T
TO-252
I
G
O
Tube
Note: Pin Code: I: Input
G: GND
O: Output
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-252
05: 5V
06: 6V
07: 7V
08: 8V
09: 9V
10: 10V
12: 12V
15: 15V
18: 18V
12
3
UTC
Date Code
L: Lead Free
G: Halogen Free
Lot Code
Voltage Code
78DXXAA


Similar Part No. - 78DXXAAL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXA UTC-78DXXA Datasheet
149Kb / 7P
Linear Integrated Circuit
78DXXA UTC-78DXXA Datasheet
205Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA Datasheet
213Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78DXXA UTC-78DXXA Datasheet
200Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78DXXA ETL-78DXXA Datasheet
348Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78DXXAAL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78DXXA UTC-78DXXA_09 Datasheet
205Kb / 9P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXA_1109 UTC-78DXXA_1109 Datasheet
200Kb / 8P
3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
78D05AA UTC-78D05AA Datasheet
352Kb / 8P
3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
78MXXD YFWDIODE-78MXXD Datasheet
319Kb / 6P
3-Terminals 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com