Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXAL-AA3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78DXXAL-AA3-R
Description  3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXAL-AA3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78DXXAL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78DXXAL-AA3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
78DXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R101-010.Z
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VOUT=5~20V
VIN
35
V
VOUT=24V
40
V
Output Current
IOUT
1
A
Power Dissipation (TC=25°C)
SOT-223
PD
8.3
W
TO-251/TO-252
TO-252-3
10
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
The device could be damaged beyond Absolute maximum ratings.
2. The maximum steady state usable output current are dependent on input voltage, heat sinking, lead
length of the package and copper pattern of PCB. The data are showed as electrical characteristics table
represents pulse test conditions with junction temperatures specified at the initiation of test.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
150
°C/W
TO-251/TO-252
TO-252-3
112
Junction to Case
SOT-223
θJC
15
°C/W
TO-251/TO-252
TO-252-3
12.5
ELECTRICAL CHARACTERISTICS
(TJ=25C, CI =0.33uF, CO=0.1uF, PD≤15W, unless otherwise specified)
For 78D05A
(VIN=10V, IOUT=1.0A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Output Voltage
VOUT
IOUT =5mA~1.0A
4.90
5.0
5.10
V
VIN =7.5~20V, IOUT =5mA~1.0A
4.85
5.15
V
Load Regulation
VOUT
IOUT =5mA~1.0A
50
mV
IOUT =0.25A~0.75A
25
mV
Line Regulation
VOUT
VIN =7~25V
50
mV
VIN =7.5~20V, IOUT =1.0A
50
mV
Quiescent Current
IQ
IOUT≤1.0A
8.0
mA
Quiescent Current Change
IQ
VIN =7.5~20V
1.0
mA
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
V
Ripple Rejection
RR
VIN =8~18V,f=120Hz
59
80
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com