Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXLL-AA3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 78DXXLL-AA3-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXLL-AA3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  78DXXLL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78DXXLL-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
78DXXL
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R101-036.N
ELECTRICAL CHARACTERISTICS (Cont.)
For 78D15L
(VIN=23V, IOUT=0.5A, CI =0.33μF, CO=0.1μF,)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
14.70
15
15.30
V
VIN =17.5~30V, IOUT=5mA~0.5A
14.55
15.45
V
Load Regulation
∆VOUT
IOUT=5mA~0.5A
300
mV
IOUT=5mA~200mA
150
mV
Line Regulation
∆VOUT
VIN=18.5~30V
300
mV
VIN=17.5~30V, IOUT=0.5A
300
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
∆IQ
VIN=17.5~30V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
90
μV
Ripple Rejection
RR
VIN=18.5~28.5V, f=120Hz
51
70
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=VOUT+19V
250
mA
Dropout Voltage
VD
2
V
For 78D18L
(VIN=27V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT=5mA~0.5A
17.64
18
18.36
V
VIN=21~33V,IOUT=5mA~0.5A
17.46
18.54
V
Load Regulation
∆VOUT
IOUT=5mA~0.5A
360
mV
IOUT=5mA~200mA
180
mV
Line Regulation
∆VOUT
VIN=21~33V
360
mV
VIN=21~33V, IOUT =0.5A
360
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
Quiescent Current Change
∆IQ
VIN=21.5~33V
1
mA
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
110
μV
Ripple Rejection
RR
VIN =22~32V,f=120Hz
50
69
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN= 35V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com