Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78NXXL-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78NXXL-AA3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78NXXL-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78NXXL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 8Page - Unisonic Technologies 78NXXL-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
78NXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R101-033.N
ABSOLUTE MAXIMUM RATING (Operating temperature range applies, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VOUT=5~9V
VIN
30
V
VOUT=10~18V
35
V
Output Current
IOUT
300
mA
Power Dissipation
SOT-89
SOT-89S
PD
550
mW
SOT-223
750
mW
TO-252
1000
mW
Junction Temperature
TJ
+150
°C
Operating Temperature (Note 2)
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. It is guarantee by design, not 100% be tested.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-89
SOT-89S
θJA
180
°С/W
SOT-223
133
°С/W
TO-252
100
°С/W
Junction to Case
SOT-89
SOT-89S
θJC
50
°С/W
SOT-223
15
°С/W
TO-252
12
°С/W
ELECTRICAL CHARACTERISTICS
(0°C <TJ<125°C, C1=0.33uF, CO=0.1uF, unless otherwise specified) (Note 1)
For 78N05 (VIN=10V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
TJ=25°C
4.80
5.0
5.20
V
7V≦VIN≦VMAX
IOUT=1mA~300mA (Note 2)
4.75
5.25
V
Load Regulation
VOUT
TJ=25°C, IOUT=1mA ~ 300mA
15
60
mV
TJ=25°C, IOUT=1mA ~ 40mA
8
30
mV
Line Regulation
VOUT
7V≦VIN≦20V,TJ=25°C
8
150
mV
8V≦VIN≦20V,TJ=25°C
6
100
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
IQ
8V≦VIN≦20V
1.5
mA
1mA≦IOUT≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
uV
Temperature Coefficient of VOUT
VO/TIOUT=5mA
-0.65
mV/°C
Ripple Rejection
RR
8V≦VIN≦20V, f=120Hz, TJ=25°C
60
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com