Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79DXXG-AB3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 79DXXG-AB3-R
Description  3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79DXXG-AB3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  79DXXG-AB3-R Datasheet HTML 1Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 2Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 3Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 4Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 5Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
79DXX-Q
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R101-055.a
ELECTRICAL CHARACTERISTICS (Cont.)
For 79D15-Q (VIN=-23V, IOUT=500mA, CI=2.2uF, Co=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C
-14.40
-15.0
-15.60
V
5.0mA<IOUT<0.5A
Vi=-17.5V ~ -30V
-14.25
-15.75
V
Line Regulation
VOUT
TJ=25C, VIN=-17.5V ~ -30V
12
300
mV
TJ=25C, VIN=-20V ~ -26V
6
150
mV
Load Regulation
VOUT
TJ=25C, IOUT=5.0mA ~ 0.5A
12
300
mV
TJ=25C, IOUT=5.0mA ~ 200mA
4
150
mV
Quiescent Current
IQ
TJ=25C
4.3
8
mA
Quiescent Current Change
IQ
IOUT=5mA ~ 0.5A
0.05
0.5
mA
VIN=-17.5V ~ -30.5V
0.1
1.0
MA
Temperature Coefficient of VOUT
VOUT/TIOUT=5mA
-0.9
mV/
C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, TA=25C
250
μV
Ripple Rejection
RR
f=120Hz, VIN=-18.5V ~ -28.5V
54
60
dB
Dropout Voltage
Vd
IOUT=0.5A, TJ=25C
2
V
For 79D18-Q (VIN=-27V, IOUT=500mA, CI=2.2uF, Co=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C
-17.28
-18.0
-18.72
V
5.0mA<IOUT<0.5A
VIN=-21V ~ -33V
-17.10
-18.90
V
Line Regulation
VOUT
TJ=25C, VIN=-21V ~ -33V
15
360
mV
TJ=25C, VIN=-24V ~ -30V
8
180
mV
Load Regulation
VOUT
TJ=25C, IOUT=5.0mA ~ 0.5A
15
360
mV
TJ=25C, IOUT=5.0mA ~ 200mA
5.0
180
mV
Quiescent Current
IQ
TJ=25C
4.3
8
mA
Quiescent Current Change
IQ
IOUT=5mA ~ 0.5A
0.5
mA
VIN=-21V ~ -32V
1.0
mA
Temperature Coefficient of VOUT
VOUT/TIOUT=5mA
-1
mV/
C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, TA=25C
300
μV
Ripple Rejection
RR
f=120Hz, VIN=-22V ~ -32V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A, TJ=25C
2
V
For 79D24-Q (VIN=-33V, IOUT=500mA, CI=2.2uF, Co=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C
-23.04
-24.0
-24.96
V
5.0mA<IOUT<0.5A
VIN=-27V ~ -38V
-22.80
-25.20
V
Line Regulation
VOUT
TJ=25C, VIN=-27V ~ -38V
15
480
mV
TJ=25C, VIN=-30V ~ -36V
8
240
mV
Load Regulation
VOUT
TJ=25C, IOUT=5.0mA ~ 0.5A
15
480
mV
TJ=25C, IOUT=5.0mA ~ 200mA
5.0
240
mV
Quiescent Current
IQ
TJ=25C
4.3
8
mA
Quiescent Current Change
IQ
IOUT=5mA ~ 0.5A
0.5
mA
VIN=-27V ~ -38V
1.0
mA
Temperature Coefficient of VOUT
VOUT/TIOUT=5mA
-1
mV/
C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, TA=25C
400
μV
Ripple Rejection
RR
f=120Hz, VIN=-28V to -38V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A,TJ=25C
2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com