Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78NXXG-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78NXXG-TN3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78NXXG-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78NXXG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 7Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 8Page - Unisonic Technologies 78NXXG-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78NXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R101-033.N
ELECTRICAL CHARACTERISTICS (Cont.)
For 78N06 (VIN=12V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
5.76
6.0
6.24
V
8.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
5.7
6.3
V
Load Regulation
VOUT
TJ=25°C, IOUT=1mA ~ 300mA
16
80
mV
TJ=25°C, IOUT=1mA ~ 40mA
9
40
mV
Line Regulation
VOUT
8.5V≦VIN≦20V,TJ=25°C
10
175
mV
9V≦VIN≦20V,TJ=25°C
8
125
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
IQ
9V≦VIN≦20V
1.5
mA
1mA≦IOUT≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
uV
Temperature Coefficient of VOUT
VO/TIOUT=5mA
-0.75
mV/°C
Ripple Rejection
RR
10V≦VIN≦20V, f=120Hz,TJ=25°C
56
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For 78N08 (VIN=14V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
7.68
8.0
8.32
V
10.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
7.60
8.40
V
Load Regulation
VOUT
TJ=25°C, IOUT=1mA ~ 300mA
18
80
mV
TJ=25°C, IOUT=1mA ~ 40mA
10
40
mV
Line Regulation
VOUT
10.5V≦VIN≦23V, TJ=25°C
10
175
mV
11V≦VIN≦23V, TJ=25°C
8
125
mV
Quiescent Current
IQ
2.0
5.5
mA
Quiescent Current Change
IQ
11V≦VIN≦23V
1.5
mA
1mA≦IOUT≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
uV
Temperature Coefficient of VOUT
VO/TIOUT=5mA
-0.75
mV/°C
Ripple Rejection
RR
11V≦VIN≦23V, f=120Hz,TJ=25°C
52
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For 78N09 (VIN=15V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25°C
8.64
9.0
9.36
V
10.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
8.55
9.45
V
Load Regulation
VOUT
TJ=25°C, IOUT=1mA ~ 300mA
20
90
mV
TJ=25°C, IOUT=1mA ~ 40mA
10
mV
Line Regulation
VOUT
11.5V≦VIN≦24V, TJ=25°C
15
200
mV
13V≦VIN≦24V, TJ=25°C
10
150
mV
Quiescent Current
IQ
2.0
6.0
mA
Quiescent Current Change
IQ
13V≦VIN≦24V
1.5
mA
1mA≦IOUT≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
70
uV
Temperature Coefficient of VOUT
VO/TIOUT=5mA
-0.75
mV/°C
Ripple Rejection
RR
12V≦VIN≦24V, f=120Hz,TJ=25°C
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com