Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79DXXG-AB3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 79DXXG-AB3-R
Description  3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79DXXG-AB3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  79DXXG-AB3-R Datasheet HTML 1Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 2Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 3Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 4Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 5Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 6Page - Unisonic Technologies 79DXXG-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
79DXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R101-012.K
APPLICATION CIRCUITS
Fig.1 Fixed output regulator
UTC 79D15
1
23
UTC 78D15
1
2
3
2.2
F
1
F
0.1
F
0.33
F
+20V
+15V
-15V
-20V
1N4001
1N4001
Fig.2 Split power supply (±15V, 0.5A)
UTC 79DXX
1
23
C1
2.2 F
C3
2.5 F
C2
1 F
-VOUT
-VIN
R1
R2
Fig.3 Circuit for increasing output voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com