Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79DXXL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 79DXXL-TN3-R
Description  3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79DXXL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  79DXXL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 79DXXL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 79DXXL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 79DXXL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 79DXXL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 79DXXL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 79DXXL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
79DXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R101-012.K
3 TERMINAL 0.5A NEGATIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 79DXX series of three-terminal negative regulators
are available with several fixed output voltage, making them
useful in a wide range of application. Each type employs internal
current limiting, thermal shut-down and safe area protection,
making it essentially indestructible.
FEATURES
* Output current up to 0.5A
* -5V, -6V, -8V, -9V, -12V, -15V, -18V, -24V output voltage
available
* Thermal overload protection
* Short circuit protection
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
79DXXL-AB3-R
79DXXG-AB3-R
SOT-89
O
G
I
Tape Reel
79DXXL-TM3-T
79DXXG-TM3-T
TO-251
G
I
O
Tube
79DXXL-TN3-T
79DXXG-TN3-T
TO-252
G
I
O
Tube
79DXXL-TN3-R
79DXXG-TN3-R
TO-252
G
I
O
Tape Reel
Notes: 1. xx: output voltage, refer to Marking Information
2. Pin Code: I: Input
G: GND
O: Output


Similar Part No. - 79DXXL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
79DXXL-TN3-R UTC-79DXXL-TN3-R Datasheet
188Kb / 7P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DxxL-TN3-R UTC-79DxxL-TN3-R Datasheet
188Kb / 7P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79DxxL-TN3-R ETL-79DxxL-TN3-R Datasheet
198Kb / 6P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79DXXL-TN3-R UTC-79DXXL-TN3-R Datasheet
239Kb / 6P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - 79DXXL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
3-Terminal 0.5A Negative Voltage Regulator
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
3 Terminal 0.5A Negative Voltage Regulator
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
3-Terminal 0.5A Negative Voltage Regulator
KA79M05RTF FAIRCHILD-KA79M05RTF Datasheet
130Kb / 8P
3-Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com