Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79DXXG-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 79DXXG-TN3-R
Description  3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79DXXG-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  79DXXG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 79DXXG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 79DXXG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 79DXXG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 79DXXG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 79DXXG-TN3-R Datasheet HTML 6Page - Unisonic Technologies 79DXXG-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
79DXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R101-012.K
ABSOLUTE MAXIMUM RATINGS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VOUT= -5 ~ -18V
VIN
-35
V
VOUT= -20 ~ -24V
-40
V
Power Dissipation
SOT-89
PD
0.55
W
TO-251/TO-252
0.89
W
Operating Temperature
TOPR
-40 ~ +125
C
Storage Temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance
Junction-Air
SOT-89
θJA
180
C/W
TO-251/TO-252
112
C/W
Thermal Resistance
Junction-Cases
SOT-89
θJC
50
C/W
TO-251/TO-252
12.5
C/W
ELECTRICAL CHARACTERISTICS (0<TJ<125C, unless otherwise specified)
For 79D05
(VIN=-10V, IOUT=500mA, CI=33uF, CO=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C
-4.80
-5.0
-5.20
V
5.0mA<IOUT<0.5A
VIN=-7V ~ -20V
-4.75
-5.25
V
Line Regulation
VOUT
TJ=25C, VIN=-7V ~ -25V
10
100
mV
TJ=25C, VIN=-8V ~ -12V
5
60
mV
Load Regulation
VOUT
TJ=25C, IOUT=5.0mA ~ 0.5A
10
100
mV
TJ=25C, IOUT=5.0mA ~ 200mA
3
50
mV
Quiescent Current
IQ
TJ=25C
4.3
8
mA
Quiescent Current Change
IQ
IOUT=5mA ~ 0.5A
0.05
0.5
mA
VIN=-7V ~ -25V
0.1
1.3
mA
Temperature Coefficient of VOUT
VOUT/TIOUT=5mA
-0.4
mV/
C
Output Noise Voltage
VN
f=10Hz ~ 100kHz, Ta=25
C
100
V
Ripple Rejection
RR
f=120Hz, VIN=-8V ~ -18V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A, TJ=25C
2
V
For 79D06
(VIN=-11V, IOUT=500mA, CI=2.2uF, Co=1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
TJ=25C
-5.76
-6.0
-6.24
V
5.0mA<IOUT<0.5A,
VIN=-8V ~ -21V
-5.70
-6.30
V
Line Regulation
VOUT
TJ=25C, VIN=-8V ~ -25V
10
120
mV
TJ=25C, VIN=-9V ~ -13V
5
60
mV
Load Regulation
VOUT
TJ=25C, IOUT=5.0mA ~ 0.5A
10
120
mV
TJ=25C, IOUT=5.0mA ~ 200mA
3
60
mV
Quiescent Current
IQ
TJ=25C
4.3
8
mA
Quiescent Current Change
IQ
IOUT=5mA ~ 0.5A
0.5
mA
VIN=-8V ~ -25V
1.3
mA
Temperature Coefficient of VOUT
VOUT/TIOUT=5mA
-0.5
mV/
C
Output Noise Voltage
eN
F=10Hz ~ 100kHz, Ta=25
C
130
V
Ripple Rejection
RR
F=120Hz, VIN=-9V ~ -19V
54
60
dB
Dropout Voltage
VD
IOUT=0.5A, TJ=25C
2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com