Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79TXXAG-TQ3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 79TXXAG-TQ3-R
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79TXXAG-TQ3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  79TXXAG-TQ3-R Datasheet HTML 1Page - Unisonic Technologies 79TXXAG-TQ3-R Datasheet HTML 2Page - Unisonic Technologies 79TXXAG-TQ3-R Datasheet HTML 3Page - Unisonic Technologies 79TXXAG-TQ3-R Datasheet HTML 4Page - Unisonic Technologies 79TXXAG-TQ3-R Datasheet HTML 5Page - Unisonic Technologies 79TXXAG-TQ3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
79TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R101-013.F
ELECTRICAL CHARACTERISTICS (Cont.)
FOR 79T08A
(VIN =-14V, CI =2.2uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
TJ=25°C
-7.68
-8.0
-8.32
V
IOUT =5mA~1A, VIN=-10.5V~-23V
-7.60
-8.40
V
Line Regulation
VOUT
TJ=25°C, VIN =-10.5V ~ -25V
10
160
mV
TJ=25°C, VIN =-11.5V ~ -17V
5
80
mV
Load Regulation
VOUT
TJ=25°C, IOUT =5mA ~ 1A
12
160
mV
TJ=25°C, IOUT =250mA ~ 750mA
4
80
mV
Quiescent Current
IQ
TJ=25°C
3
6
mA
Quiescent Current Change
IQ
IOUT =5mA ~ 1A
0.05
0.5
mA
VIN =-10.5V ~ -25V
0.1
1.0
mA
Temperature coefficient of VO
VO/T IOUT =5mA
-0.6
mV/°C
Output Noise Voltage
eN
f=10Hz ~ 100kHz,TA=25°C
175
V
Ripple Rejection
RR
f=120Hz, VIN =-11.5V ~ -21.5V
54
60
dB
Dropout Voltage
VD
IOUT =1.0A,TJ=25°C
2
V
Short-Circuit Current
ISC
VIN =-35V,TA=25°C
300
mA
Peak Output Current
IPEAK
TJ=25°C
2.2
A
FOR 79T09A
(VIN =-15V, CI =2.2uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
TJ=25°C
-8.64
-9.0
-9.36
V
IOUT =5mA~1A, VIN =-11.5V~-23V
-8.55
-9.45
V
Line Regulation
VOUT
TJ=25°C, VIN =-11.5V ~ -26 V
10
180
mV
TJ=25°C, VIN =-12V ~ -18V
5
90
mV
Load Regulation
VOUT
TJ=25°C, IOUT =5mA ~ 1A
12
180
mV
TJ=25°C, IOUT =250mA ~ 750mA
4
90
mV
Quiescent Current
IQ
TJ=25°C
3
6
mA
Quiescent Current Change
IQ
IOUT =5mA ~ 1A
0.05
0.5
mA
VIN =-11.5V ~ -26V
0.1
1.0
mA
Temperature coefficient of VO
VO/T IOUT =5mA
-0.6
mV/°C
Output Noise Voltage
eN
f=10Hz ~ 100kHz, TA=25°C
175
V
Ripple Rejection
RR
f=120Hz,TJ=25°C, VIN =-12.5V ~ -22.5V
54
60
dB
Dropout Voltage
VD
IOUT =1.0A, TJ=25°C
2.0
V
Short-Circuit Current
ISC
VIN =-35V, TA=25°C
300
mA
Peak Output Current
IPEAK
TJ=25°C
2.2
A
FOR 79T12A
(VIN =-18V, CI =2.2uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Voltage
VOUT
TJ=25°C
-11.52 -12.0 -12.48
V
IOUT =5mA~1A, VIN =-14.5V~-27V
-11.40
-12.60
V
Line Regulation
VOUT
TJ=25°C, VIN =-14.5V ~ -30V
12
240
mV
TJ=25°C, VIN =-16V ~ -22V
6
120
mV
Load Regulation
VOUT
TJ=25°C, IOUT =5mA ~ 1A
12
240
mV
TJ=25°C, IOUT =250mA ~ 750mA
4
120
mV
Quiescent Current
IQ
TJ=25°C
3
6
mA
Quiescent Current Change
IQ
IOUT =5mA ~ 1A
0.05
0.5
mA
VIN =-14.5V ~ -30V
0.1
1.0
mA
Temperature coefficient of VO
VO/T IOUT =5mA
-0.8
mV/°C
Output Noise Voltage
eN
f=10 Hz ~ 100kHz, TA=25°C
200
V
Ripple Rejection
RR
f=120Hz, VIN =-15V ~ -25V
54
60
dB
Dropout Voltage
VD
IOUT =1.0A, TJ=25°C
2
V
Short-Circuit Current
ISC
VIN =-35V, TA=25°C
300
mA
Peak Output Current
IPEAK
TJ=25°C
2.2
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com