Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317K-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM317K-AA3-R
Description  HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317K-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM317K-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM317K-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM317K-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM317K-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM317K-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM317
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R101-009.V
HIGH CURRENT 1.3V TO 37V
ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317 is an adjustable 3-terminal positive voltage
regulator, designed to supply 1A of output current with voltage
adjustable from 1.3V ~ 37V.
FEATURES
*Output voltage adjustable from 1.3V ~ 37V
*Output current in excess of 1A
*Internal short circuit protection
*Internal over temperature protection
*Output transistor safe area compensation
TO-220
TO-263
1
TO-252
1
TO-220F
1
1
SOT-223
SOP-8
1
TO-263-3
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
123456
7
8
LM317K-AA3-R
LM317G-AA3-R
SOT-223
ADJ O
I
-
-
-
-
-
Tape Reel
LM317K-TA3-T
LM317G-TA3-T
TO-220
ADJ O
I
-
-
-
-
-
Tube
LM317K-TF3-T
LM317G-TF3-T
TO-220F
ADJ O
I
-
-
-
-
-
Tube
LM317K-TN3-R
LM317G-TN3-R
TO-252
ADJ O
I
-
-
-
-
-
Tape Reel
LM317K-TQ2-T
LM317G-TQ2-T
TO-263
ADJ O
I
-
-
-
-
-
Tube
LM317K-TQ2-R
LM317G-TQ2-R
TO-263
ADJ O
I
-
-
-
-
-
Tape Reel
LM317K-TQ3-T
LM317G-TQ3-T
TO-263-3 ADJ O
I
-
-
-
-
-
Tube
LM317K-TQ3-R
LM317G-TQ3-R
TO-263-3 ADJ O
I
-
-
-
-
-
Tape Reel
LM317K-S08-R
LM317G-S08-R
SOP-8
I
O
O ADJ NC
O
O
NC
Tape Reel
Note: Pin Assignment: I: VIN
O: VOUT


Similar Part No. - LM317K-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317K-AA3-R UTC-LM317K-AA3-R Datasheet
235Kb / 5P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317K-AA3-R ETL-LM317K-AA3-R Datasheet
255Kb / 5P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317K-AA3-R UTC-LM317K-AA3-R Datasheet
226Kb / 5P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317K-AA3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Unisonic Technologies
LM317 UTC-LM317 Datasheet
235Kb / 5P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L ETL-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317 UTC-LM317_17 Datasheet
226Kb / 5P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317S UTC-LM317S Datasheet
257Kb / 4P
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com